Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP797JF Datasheet (PDF) - Toshiba Semiconductor

TLP797JF Datasheet PDF - Toshiba Semiconductor
Part # TLP797JF
Download  TLP797JF Download
File Size   408.24 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Photocoupler Photo Relay

TLP797JF Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP797JF Datasheet PDF - Toshiba Semiconductor

Part # TLP797JF
Download  TLP797JF Click to download

File Size   408.24 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Photocoupler Photo Relay

TLP797JF Datasheet (HTML) - Toshiba Semiconductor


TLP797JF Product details

Telecommunication
Measurement Instrumenation
FA

The TOSHIBA TLP797JF consists of an infrared emitting diode optically
coupled to a photo-MOS FET in a six lead plastic DIP package (DIP6).
The TLP797JF is a bi-directional switch can replace mechanical relays
in many applications.

• 6 pin DIP (DIP6)
• 1-form-A
• Peak off-state voltage: 600 V (min)
• Trigger LED current: 5 mA (max)
• On-state current: 100 mA (max)
• On-state resistance: 35 Ω (max)
• Isolation voltage: 5000 Vrms (min)
• UL-recognized: UL 1577, File No.E67349
• cUL-recognized: CSA Component Acceptance Service No.5A
File No.E67349
• VDE- approved: EN 60747-5-5 (Note 1)




Similar Part No. - TLP797JF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP797J TOSHIBA-TLP797J Datasheet
251Kb / 6P
TELECOMMUNICATION MEASUREMENT EQUIPMENT FA
TLP797J TOSHIBA-TLP797J Datasheet
161Kb / 7P
Measurement Instrumenation
TLP797J TOSHIBA-TLP797J_07 Datasheet
161Kb / 7P
Measurement Instrumenation
TLP797J TOSHIBA-TLP797J_14 Datasheet
123Kb / 2P
Telecommunication Measurement Instrumenation FA
More results


Similar Description - TLP797JF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP798G TOSHIBA-TLP798G Datasheet
334Kb / 8P
TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP296G TOSHIBA-TLP296G Datasheet
465Kb / 6P
TOSHIBA Photocoupler Photo Relay
TLP197A TOSHIBA-TLP197A Datasheet
132Kb / 6P
TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP597A TOSHIBA-TLP597A_14 Datasheet
185Kb / 6P
TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP598AA TOSHIBA-TLP598AA_14 Datasheet
180Kb / 5P
TOSHIBA Photocoupler Photo Relay
TLP3116 TOSHIBA-TLP3116_14 Datasheet
192Kb / 6P
TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP3130 TOSHIBA-TLP3130_14 Datasheet
192Kb / 6P
TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP3131 TOSHIBA-TLP3131_14 Datasheet
191Kb / 6P
TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP3542 TOSHIBA-TLP3542_14 Datasheet
159Kb / 6P
TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP224GA-2 TOSHIBA-TLP224GA-2 Datasheet
360Kb / 7P
TOSHIBA PHOTOCOUPLER PHOTO RELAY
2019-02-01
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com