Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1835AAS Datasheet (PDF) - Analog Devices

AD1835AAS Datasheet PDF - Analog Devices
Part # AD1835AAS
Download  AD1835AAS Download
File Size   386.72 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2 ADC, 8 DAC, 96 kHz, 24-Bit Codecs

AD1835AAS Datasheet (PDF)

Go To PDF Page Download Datasheet
AD1835AAS Datasheet PDF - Analog Devices

Part # AD1835AAS
Download  AD1835AAS Click to download

File Size   386.72 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2 ADC, 8 DAC, 96 kHz, 24-Bit Codecs

AD1835AAS Datasheet (HTML) - Analog Devices


AD1835AAS Product details

PRODUCT OVERVIEW
The AD1835A is a high performance, single-chip codec featuring four stereo DACs and one stereo ADC. Each DAC comprises a high performance digital interpolation filter, a multibit Σ-Δ modulator featuring Analog Devices’ patented technology, and a continuous-time voltage out analog section.

FEATURES
    5 V Stereo Audio System with 3.3 V Tolerant Digital
        Interface
    Supports up to 96 kHz Sample Rates
    192 kHz Sample Rate Available on 1 DAC
    Supports 16-/20-/24-Bit Word Lengths
    Multibit Σ-Δ Modulators with
        Perfect Differential Linearity Restoration for
        Reduced Idle Tones and Noise Floor
    Data Directed Scrambling DACs—Least
        Sensitive to Jitter
    Differential Output for Optimum Performance
        ADCs: –95 dB THD + N, 105 dB SNR, and
            Dynamic Range
        DACs: –95 dB THD + N, 108 dB SNR, and
            Dynamic Range
    On-Chip Volume Controls per Channel with
        1024-Step Linear Scale
    DAC and ADC Software Controllable Clickless Mutes
    Digital De-emphasis Processing
    Supports 256 x fS, 512 x fS, and 768 x fS Master
        Mode Clocks
    Power-Down Mode Plus Soft Power-Down Mode
    Flexible Serial Data Port with Right-Justified, Left Justified, I2S Compatible, and DSP Serial Port Modes
    TDM Interface Mode Supports 8-In/8-Out Using a
    Single SHARC® SPORT
    52-Lead MQFP Plastic Package
   
APPLICATIONS
    DVD Video and Audio Players
    Home Theater Systems
    Automotive Audio Systems
    Audio/Visual Receivers
    Digital Audio Effects Processors




Similar Part No. - AD1835AAS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1835AAS AD-AD1835AAS Datasheet
239Kb / 24P
2 ADC, 8 DAC, 96 kHz, 24-Bit Codecs
REV. A
AD1835AAS-REEL AD-AD1835AAS-REEL Datasheet
239Kb / 24P
2 ADC, 8 DAC, 96 kHz, 24-Bit Codecs
REV. A
AD1835AASZ AD-AD1835AASZ Datasheet
239Kb / 24P
2 ADC, 8 DAC, 96 kHz, 24-Bit Codecs
REV. A
AD1835AASZ-REEL AD-AD1835AASZ-REEL Datasheet
239Kb / 24P
2 ADC, 8 DAC, 96 kHz, 24-Bit Codecs
REV. A
More results


Similar Description - AD1835AAS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1837 AD-AD1837 Datasheet
523Kb / 24P
2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
7/03-Data Sheet changed from REV. A to REV. B.
AD1835 AD-AD1835 Datasheet
326Kb / 23P
2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
AD1838 AD-AD1838 Datasheet
424Kb / 24P
2 ADC, 6 DAC,96 kHz, 24-Bit Codec
REV.0
AD1837A AD-AD1837A Datasheet
401Kb / 24P
2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
1/04-Data Sheet changed from REV. 0 to REV. A.
EVAL-AD1835AEB AD-EVAL-AD1835AEB Datasheet
239Kb / 24P
2 ADC, 8 DAC, 96 kHz, 24-Bit Codecs
REV. A
AD1835 AD-AD1835_15 Datasheet
705Kb / 24P
2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
REV. B
AD1835A AD-AD1835A_15 Datasheet
281Kb / 24P
2 ADC, 8 DAC, 96 kHz, 24-Bit Codecs
REV. A
AD1837 AD-AD1837_15 Datasheet
533Kb / 24P
2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
REV. B
AD1837A AD-AD1837A_15 Datasheet
407Kb / 24P
2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
REV. A
AD1838A AD-AD1838A_15 Datasheet
537Kb / 24P
2 ADC, 6 DAC, 96 kHz, 24-Bit Codec
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com