Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS-5.MT...KPBF Datasheet (PDF) - Vishay Siliconix

VS-5.MT...KPBF Datasheet PDF - Vishay Siliconix
Part # VS-5.MT...KPBF_V01
Download  VS-5.MT...KPBF Download
File Size   233.02 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Three Phase Controlled Bridge (Power Modules), 55 A to 110 A

VS-5.MT...KPBF Datasheet (PDF)

Go To PDF Page Download Datasheet
VS-5.MT...KPBF Datasheet PDF - Vishay Siliconix

Part # VS-5.MT...KPBF_V01
Download  VS-5.MT...KPBF Click to download

File Size   233.02 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Three Phase Controlled Bridge (Power Modules), 55 A to 110 A

VS-5.MT...KPBF Datasheet (HTML) - Vishay Siliconix


VS-5.MT...KPBF Product details

FEATURES
• Package fully compatible with the industry
standard INT-A-PAK power modules series
• High thermal conductivity package, electrically
insulated case
• Excellent power volume ratio
• 4000 VRMS isolating voltage
• UL E78996 approved
• Designed and qualified for industrial level
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
DESCRIPTION
A range of extremely compact, encapsulated three phase
controlled bridge rectifiers offering efficient and reliable
operation. They are intended for use in general purpose and
heavy duty applications.




Similar Part No. - VS-5.MT...KPBF_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-5.MT...KPBF VISHAY-VS-5.MT...KPBF Datasheet
226Kb / 10P
Three Phase Controlled Bridge (Power Modules), 55 A to 110 A
28-Nov-2019
More results


Similar Description - VS-5.MT...KPBF_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
90MT80KPBF VISHAY-90MT80KPBF Datasheet
132Kb / 6P
Three Phase Bridge (Power Modules), 90/110 A
29-Apr-08
113MT160KS90PBF VISHAY-113MT160KS90PBF Datasheet
188Kb / 9P
Three Phase Controlled Bridge (Power Modules), 55 A to 110 A
13-Aug-08
90-110MT.KPBF VISHAY-90-110MT.KPBF Datasheet
171Kb / 8P
Three Phase Bridge (Power Modules), 90/110 A
29-Apr-08
VS-26MT100 VISHAY-VS-26MT100 Datasheet
170Kb / 7P
Three Phase Bridge (Power Modules), 25 A to 35 A
22-Jan-14
VS-40MT160P.PBF VISHAY-VS-40MT160P.PBF Datasheet
157Kb / 9P
Three Phase Bridge (Power Modules), 45 A to 100 A
16-Jul-14
VS-90-110MT.KPBF VISHAY-VS-90-110MT.KPBF_V01 Datasheet
213Kb / 8P
Three Phase Bridge (Power Modules), 90 A/110 A
17-Aug-17
VS-5MTKPBF VISHAY-VS-5MTKPBF Datasheet
228Kb / 10P
Three Phase Controlled Bridge (Power Modules), 55 A to 110 A
28-Nov-2019
VS-130-160MT..KPBF VISHAY-VS-130-160MT..KPBF Datasheet
175Kb / 8P
Three Phase Bridge, 130 A to 160 A (Power Modules)
17-Aug-17
VS-5.MT...KPBF VISHAY-VS-5.MT...KPBF Datasheet
226Kb / 10P
Three Phase Controlled Bridge (Power Modules), 55 A to 110 A
28-Nov-2019
VS-90-110MT.KPBF VISHAY-VS-90-110MT.KPBF_V02 Datasheet
212Kb / 8P
Three Phase Bridge (Power Modules), 90 A/110 A
17-Aug-17
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com