Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS-5.MT...KPBF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VS-5.MT...KPBF
Description  Three Phase Controlled Bridge (Power Modules), 55 A to 110 A
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-5.MT...KPBF Datasheet(HTML) 1 Page - Vishay Siliconix

  VS-5.MT...KPBF_V01 Datasheet HTML 1Page - Vishay Siliconix VS-5.MT...KPBF_V01 Datasheet HTML 2Page - Vishay Siliconix VS-5.MT...KPBF_V01 Datasheet HTML 3Page - Vishay Siliconix VS-5.MT...KPBF_V01 Datasheet HTML 4Page - Vishay Siliconix VS-5.MT...KPBF_V01 Datasheet HTML 5Page - Vishay Siliconix VS-5.MT...KPBF_V01 Datasheet HTML 6Page - Vishay Siliconix VS-5.MT...KPBF_V01 Datasheet HTML 7Page - Vishay Siliconix VS-5.MT...KPBF_V01 Datasheet HTML 8Page - Vishay Siliconix VS-5.MT...KPBF_V01 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
VS-5.MT...KPbF, VS-9.MT...KPbF, VS-11.MT...KPbF Series
www.vishay.com
Vishay Semiconductors
Revision: 25-Nov-2022
1
Document Number: 94353
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Three Phase Controlled Bridge (Power Modules),
55 A to 110 A
FEATURES
• Package fully compatible with the industry
standard INT-A-PAK power modules series
• High thermal conductivity package, electrically
insulated case
• Excellent power volume ratio
• 4000 VRMS isolating voltage
• UL E78996 approved
• Designed and qualified for industrial level
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
DESCRIPTION
A range of extremely compact, encapsulated three phase
controlled bridge rectifiers offering efficient and reliable
operation. They are intended for use in general purpose and
heavy duty applications.
ELECTRICAL SPECIFICATIONS
PRIMARY CHARACTERISTICS
IO
55 A to 110 A
VRRM
800 V to 1600 V
Package
MTK
Circuit configuration
Three phase bridge
MTK
MTK
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
5.MT...K
VALUES
9.MT...K
VALUES
11.MT...K
UNITS
IO
55
90
110
A
TC
85
85
85
°C
IFSM
50 Hz
390
950
1130
A
60 Hz
410
1000
1180
I2t
50 Hz
770
4525
6380
A2s
60 Hz
700
4130
5830
I2
√t
7700
45 250
63 800
A2
√s
VRRM
Range
800 to 1600
V
TStg
Range
-40 to +125
°C
TJ
Range
-40 to +125
°C
VOLTAGE RATINGS
TYPE
NUMBER
VOLTAGE
CODE
VRRM, MAXIMUM
REPETITIVE PEAK
REVERSE VOLTAGE
V
VRSM, MAXIMUM
NON-REPETITIVE PEAK
REVERSE VOLTAGE
V
VDRM, MAXIMUM
REPETITIVE PEAK
OFF-STATE VOLTAGE,
GATE OPEN CIRCUIT
V
IRRM/IDRM,
MAXIMUM
AT TJ = 125 °C
mA
VS-5.MT...K
80
800
900
800
10
100
1000
1100
1000
120
1200
1300
1200
140
1400
1500
1400
160
1600
1700
1600
VS-9.MT...K
VS-11.MT...K
80
800
900
800
20
100
1000
1100
1000
120
1200
1300
1200
140
1400
1500
1400
160
1600
1700
1600


Similar Part No. - VS-5.MT...KPBF_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-5.MT...KPBF VISHAY-VS-5.MT...KPBF Datasheet
226Kb / 10P
Three Phase Controlled Bridge (Power Modules), 55 A to 110 A
28-Nov-2019
More results

Similar Description - VS-5.MT...KPBF_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
90MT80KPBF VISHAY-90MT80KPBF Datasheet
132Kb / 6P
Three Phase Bridge (Power Modules), 90/110 A
29-Apr-08
113MT160KS90PBF VISHAY-113MT160KS90PBF Datasheet
188Kb / 9P
Three Phase Controlled Bridge (Power Modules), 55 A to 110 A
13-Aug-08
90-110MT.KPBF VISHAY-90-110MT.KPBF Datasheet
171Kb / 8P
Three Phase Bridge (Power Modules), 90/110 A
29-Apr-08
VS-26MT100 VISHAY-VS-26MT100 Datasheet
170Kb / 7P
Three Phase Bridge (Power Modules), 25 A to 35 A
22-Jan-14
VS-40MT160P.PBF VISHAY-VS-40MT160P.PBF Datasheet
157Kb / 9P
Three Phase Bridge (Power Modules), 45 A to 100 A
16-Jul-14
VS-90-110MT.KPBF VISHAY-VS-90-110MT.KPBF_V01 Datasheet
213Kb / 8P
Three Phase Bridge (Power Modules), 90 A/110 A
17-Aug-17
VS-5MTKPBF VISHAY-VS-5MTKPBF Datasheet
228Kb / 10P
Three Phase Controlled Bridge (Power Modules), 55 A to 110 A
28-Nov-2019
VS-130-160MT..KPBF VISHAY-VS-130-160MT..KPBF Datasheet
175Kb / 8P
Three Phase Bridge, 130 A to 160 A (Power Modules)
17-Aug-17
VS-5.MT...KPBF VISHAY-VS-5.MT...KPBF Datasheet
226Kb / 10P
Three Phase Controlled Bridge (Power Modules), 55 A to 110 A
28-Nov-2019
VS-90-110MT.KPBF VISHAY-VS-90-110MT.KPBF_V02 Datasheet
212Kb / 8P
Three Phase Bridge (Power Modules), 90 A/110 A
17-Aug-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com