Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS-GBPC35..A Datasheet (PDF) - Vishay Siliconix

VS-GBPC35..A Datasheet PDF - Vishay Siliconix
Part # VS-GBPC35..A
Download  VS-GBPC35..A Download
File Size   165.92 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Single Phase Bridge Rectifier, 25 A, 35 A

VS-GBPC35..A Datasheet (PDF)

Go To PDF Page Download Datasheet
VS-GBPC35..A Datasheet PDF - Vishay Siliconix

Part # VS-GBPC35..A
Download  VS-GBPC35..A Click to download

File Size   165.92 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Single Phase Bridge Rectifier, 25 A, 35 A

VS-GBPC35..A Datasheet (HTML) - Vishay Siliconix


VS-GBPC35..A Product details

FEATURES
• Universal, 3 way terminals: push-on, wrap
around or solder
• High thermal conductivity package, electrically
insulated case
• Positive polarity symbol molded on the plastic case
• Center hole fixing
• Glass passivated diode chips
• Excellent power/volume ratio
• Nickel plated terminals solderable using lead (Pb)-free
solder; Solder Alloy Sn/Ag/Cu (SAC305); Solder
temperature 260 °C to 275 °C
• Wire lead version available
• UL E300359 approved
• Designed and qualified for industrial and consumer level
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
DESCRIPTION / APPLICATIONS
A range of extremely compact, encapsulated single phase
bridge rectifiers offering efficient and reliable operation.
They are intended for use in general purpose and
instrumentation applications




Similar Part No. - VS-GBPC35..A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-GBPC3502A VISHAY-VS-GBPC3502A Datasheet
166Kb / 7P
Single Phase Bridge Rectifier, 25 A, 35 A
10-Oct-2018
VS-GBPC3502W VISHAY-VS-GBPC3502W Datasheet
166Kb / 7P
Single Phase Bridge Rectifier, 25 A, 35 A
10-Oct-2018
VS-GBPC3504A VISHAY-VS-GBPC3504A Datasheet
166Kb / 7P
Single Phase Bridge Rectifier, 25 A, 35 A
10-Oct-2018
VS-GBPC3504W VISHAY-VS-GBPC3504W Datasheet
166Kb / 7P
Single Phase Bridge Rectifier, 25 A, 35 A
10-Oct-2018
VS-GBPC3506A VISHAY-VS-GBPC3506A Datasheet
166Kb / 7P
Single Phase Bridge Rectifier, 25 A, 35 A
10-Oct-2018
More results


Similar Description - VS-GBPC35..A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
26MB140A VISHAY-26MB140A Datasheet
160Kb / 6P
Single Phase Bridge (Power Modules), 25 A/35 A
17-Jun-08
26MB140A VISHAY-26MB140A_12 Datasheet
173Kb / 7P
Single Phase Bridge (Power Modules), 25 A/35 A
17-Jun-08
VS-26MT VISHAY-VS-26MT_V01 Datasheet
179Kb / 7P
Three Phase Bridge Rectifier, 25 A, 35 A
15-Jan-2019
VS-GBPC VISHAY-VS-GBPC_V01 Datasheet
166Kb / 7P
Single Phase Bridge Rectifier, 25 A, 35 A
10-Oct-2018
VS-MBHIGHVOLTAGE VISHAY-VS-MBHIGHVOLTAGE Datasheet
149Kb / 7P
Single Phase Bridge Rectifier, 25 A, 35 A
15-Jan-2019
VS-MB VISHAY-VS-MB_V01 Datasheet
144Kb / 7P
Single Phase Bridge Rectifier, 25 A, 35 A
15-Jan-2019
VS-MBHV VISHAY-VS-MBHV_V01 Datasheet
148Kb / 7P
Single Phase Bridge Rectifier, 25 A, 35 AS
15-Jan-2019
VS-26MT VISHAY-VS-26MT_V02 Datasheet
178Kb / 7P
Three Phase Bridge Rectifier, 25 A, 35 A
15-Jan-2019
VS-MBHV VISHAY-VS-MBHV_V02 Datasheet
149Kb / 7P
Single Phase Bridge Rectifier, 25 A, 35 A
15-Jan-2019
VS-MB VISHAY-VS-MB_V02 Datasheet
143Kb / 7P
Single Phase Bridge Rectifier, 25 A, 35 A
15-Jan-2019
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com