Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS-GBPC35..A Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VS-GBPC35..A
Description  Single Phase Bridge Rectifier, 25 A, 35 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-GBPC35..A Datasheet(HTML) 1 Page - Vishay Siliconix

  VS-GBPC35..A Datasheet HTML 1Page - Vishay Siliconix VS-GBPC35..A Datasheet HTML 2Page - Vishay Siliconix VS-GBPC35..A Datasheet HTML 3Page - Vishay Siliconix VS-GBPC35..A Datasheet HTML 4Page - Vishay Siliconix VS-GBPC35..A Datasheet HTML 5Page - Vishay Siliconix VS-GBPC35..A Datasheet HTML 6Page - Vishay Siliconix VS-GBPC35..A Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
VS-GBPC.. Series
www.vishay.com
Vishay Semiconductors
Revision: 10-Oct-2018
1
Document Number: 93575
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Single Phase Bridge Rectifier, 25 A, 35 A
FEATURES
• Universal, 3 way terminals: push-on, wrap
around or solder
• High thermal conductivity package, electrically
insulated case
• Positive polarity symbol molded on the plastic case
• Center hole fixing
• Glass passivated diode chips
• Excellent power/volume ratio
• Nickel plated terminals solderable using lead (Pb)-free
solder;
Solder
Alloy
Sn/Ag/Cu
(SAC305);
Solder
temperature 260 °C to 275 °C
• Wire lead version available
• UL E300359 approved
• Designed and qualified for industrial and consumer level
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
DESCRIPTION / APPLICATIONS
A range of extremely compact, encapsulated single phase
bridge rectifiers offering efficient and reliable operation.
They are intended for use in general purpose and
instrumentation applications.
ELECTRICAL SPECIFICATIONS
Note
(1) See Ordering Information table at the end of datasheet
PRIMARY CHARACTERISTICS
IO
25 A, 35 A
VRRM
200 V to 1200 V
Package
GBPC...A, GBPC...W
Circuit configuration
Single phase bridge
GBPC...A
GBPC...W
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
GBPC25
VALUES
GBPC35
UNITS
IO
25
35
A
TC
60
55
°C
IFSM
50 Hz
400
475
A
60 Hz
420
500
I2t
50 Hz
790
1130
A2s
60 Hz
725
1030
VRRM
Range
200 to 1200
V
TJ
-55 to +150
°C
VOLTAGE RATINGS
TYPE NUMBER
VOLTAGE
CODE
VRRM, MAXIMUM
REPETITIVE PEAK AC
REVERSE VOLTAGE
TJ = TJ MAXIMUM
V
VRSM, MAXIMUM
NON-REPETITIVE PEAK AC
REVERSE VOLTAGE
TJ = TJ MAXIMUM
V
IRRM MAXIMUM
AT RATED VRRM
TJ = TJ MAXIMUM
mA
IRRM MAXIMUM
DC REVERSE
CURRENT
AT TJ = 125 °C
μA
VS-GBPC25..A (1)
VS-GBPC35..A (1)
VS-GBPC25..W
VS-GBPC35..W
02
200
275
2
500
04
400
500
06
600
725
08
800
900
10
1000
1100
12
1200
1300


Similar Part No. - VS-GBPC35..A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-GBPC3502A VISHAY-VS-GBPC3502A Datasheet
166Kb / 7P
Single Phase Bridge Rectifier, 25 A, 35 A
10-Oct-2018
VS-GBPC3502W VISHAY-VS-GBPC3502W Datasheet
166Kb / 7P
Single Phase Bridge Rectifier, 25 A, 35 A
10-Oct-2018
VS-GBPC3504A VISHAY-VS-GBPC3504A Datasheet
166Kb / 7P
Single Phase Bridge Rectifier, 25 A, 35 A
10-Oct-2018
VS-GBPC3504W VISHAY-VS-GBPC3504W Datasheet
166Kb / 7P
Single Phase Bridge Rectifier, 25 A, 35 A
10-Oct-2018
VS-GBPC3506A VISHAY-VS-GBPC3506A Datasheet
166Kb / 7P
Single Phase Bridge Rectifier, 25 A, 35 A
10-Oct-2018
More results

Similar Description - VS-GBPC35..A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
26MB140A VISHAY-26MB140A Datasheet
160Kb / 6P
Single Phase Bridge (Power Modules), 25 A/35 A
17-Jun-08
26MB140A VISHAY-26MB140A_12 Datasheet
173Kb / 7P
Single Phase Bridge (Power Modules), 25 A/35 A
17-Jun-08
VS-26MT VISHAY-VS-26MT_V01 Datasheet
179Kb / 7P
Three Phase Bridge Rectifier, 25 A, 35 A
15-Jan-2019
VS-GBPC VISHAY-VS-GBPC_V01 Datasheet
166Kb / 7P
Single Phase Bridge Rectifier, 25 A, 35 A
10-Oct-2018
VS-MBHIGHVOLTAGE VISHAY-VS-MBHIGHVOLTAGE Datasheet
149Kb / 7P
Single Phase Bridge Rectifier, 25 A, 35 A
15-Jan-2019
VS-MB VISHAY-VS-MB_V01 Datasheet
144Kb / 7P
Single Phase Bridge Rectifier, 25 A, 35 A
15-Jan-2019
VS-MBHV VISHAY-VS-MBHV_V01 Datasheet
148Kb / 7P
Single Phase Bridge Rectifier, 25 A, 35 AS
15-Jan-2019
VS-26MT VISHAY-VS-26MT_V02 Datasheet
178Kb / 7P
Three Phase Bridge Rectifier, 25 A, 35 A
15-Jan-2019
VS-MBHV VISHAY-VS-MBHV_V02 Datasheet
149Kb / 7P
Single Phase Bridge Rectifier, 25 A, 35 A
15-Jan-2019
VS-MB VISHAY-VS-MB_V02 Datasheet
143Kb / 7P
Single Phase Bridge Rectifier, 25 A, 35 A
15-Jan-2019
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com