Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA663203 Datasheet (PDF) - Microchip Technology

ATA663203 Datasheet PDF - Microchip Technology
Part # ATA663203
Download  ATA663203 Download
File Size   1329.31 Kbytes
Page   36 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description LIN Bus Device Family Including Voltage Regulator and LIN SBC with Compatible Footprint

ATA663203 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATA663203 Datasheet PDF - Microchip Technology

Part # ATA663203
Download  ATA663203 Click to download

File Size   1329.31 Kbytes
Page   36 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description LIN Bus Device Family Including Voltage Regulator and LIN SBC with Compatible Footprint

ATA663203 Datasheet (HTML) - Microchip Technology


ATA663203 Product details

Features
• ISO 26262 Functional Safety Ready
• Supply Voltage up to 40V
• Operating Voltage VVS = 5V to 28V
• Supply Current
- Sleep mode: typically 9 μA
- Silent mode: typically 47 μA
- Very low current consumption at low supply
voltages (2V < VVS < 5.5V): typically 130 μA
• Linear Low-Drop Voltage Regulator, 85 mA
Current Capability:
- MLC (multi-layer ceramic) capacitor with 0Ω
ESR
- Normal, Fail-Safe and Silent mode
- ATA663254: VVCC = 5.0V, ±2%
- ATA663231: VVCC = 3.3V, ±2%
• Sleep Mode: VCC is Switched Off
• Active Mode:
- ATA663203: VVCC = 5.0V, ±2%
- ATA663201: VVCC = 3.3V, ±2%
• VCC Undervoltage Detection with Open Drain
Reset Output (NRES, 4 ms Reset Time)
• Voltage Regulator is Short-Circuit and
Overtemperature Protected
• LIN Physical Layer According to LIN 2.0, 2.1, 2.2,
2.2A, ISO 17987-4 and SAEJ2602-2
• Wake-Up Capability via LIN Bus (100 μs
Dominant)
• Wake-Up Source Recognition
• TXD Time-Out Timer
• Bus Pin is Overtemperature and Short-Circuit
Protected Versus GND and Battery
• Advanced EMC and ESD Performance
• Fulfills the OEM “Hardware Requirements for LIN
in Automotive Applications Rev.1.3”
• Interference and Damage Protection According to
ISO7637
• AEC-Q100 and AEC-Q006 Qualified
• Packages:
- 8-Lead 3 x 3 VDFN (all types) with wettable
flanks (Moisture Sensitivity Level 1)
- 8-Lead SOIC (only ATA663254)




Similar Part No. - ATA663203

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA663203 ATMEL-ATA663203_14 Datasheet
1Mb / 26P
LIN Bus Device Family including Voltage Regulator and LIN SBC with Compatible Footprint
More results


Similar Description - ATA663203

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6620N ATMEL-ATA6620N Datasheet
418Kb / 20P
LIN Bus Transceiver with Integrated Voltage Regulator
ATA6623 ATMEL-ATA6623 Datasheet
392Kb / 22P
LIN Bus Transceiver with Integrated Voltage Regulator
ATA6620N ATMEL-ATA6620N_09 Datasheet
383Kb / 22P
LIN Bus Transceiver with Integrated Voltage Regulator
ATA6623 ATMEL-ATA6623_09 Datasheet
695Kb / 23P
LIN Bus Transceiver with Integrated Voltage Regulator
ATA663203 ATMEL-ATA663203_14 Datasheet
1Mb / 26P
LIN Bus Device Family including Voltage Regulator and LIN SBC with Compatible Footprint
ATA663231 ATMEL-ATA663231_14 Datasheet
1Mb / 26P
LIN Bus Device Family including Voltage Regulator
ATA663254 ATMEL-ATA663254_14 Datasheet
1Mb / 26P
LIN Bus Device Family including Voltage Regulator
ATA663431 ATMEL-ATA663431_14 Datasheet
1Mb / 32P
LIN SBC including LIN Transceiver
ATA663454 ATMEL-ATA663454_14 Datasheet
1Mb / 32P
LIN SBC including LIN Transceiver
ATA663201 ATMEL-ATA663201 Datasheet
1Mb / 29P
LIN Bus Device Family including Voltage Regulator and LIN SBC(1) with Compatible Footprint
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com