Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAM12031SMB Datasheet (PDF) - Tyco Electronics

MAAM12031SMB Datasheet PDF - Tyco Electronics
Part # MAAM12031SMB
Download  MAAM12031SMB Download
File Size   241.95 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Low Noise Amplifier 1.7 - 2.0 GHz

MAAM12031SMB Datasheet (PDF)

Go To PDF Page Download Datasheet
MAAM12031SMB Datasheet PDF - Tyco Electronics

Part # MAAM12031SMB
Download  MAAM12031SMB Click to download

File Size   241.95 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Low Noise Amplifier 1.7 - 2.0 GHz

MAAM12031SMB Datasheet (HTML) - Tyco Electronics




Similar Part No. - MAAM12031SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM12031SMB MA-COM-MAAM12031SMB Datasheet
205Kb / 4P
Low Noise Amplifier 1.7 - 2.0 GHz
More results


Similar Description - MAAM12031SMB

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1013N SONY-CXG1013N Datasheet
197Kb / 6P
1.7 to 2.0 GHz Low Noise Amplifier/Down Conversion Mixer
logo
Tyco Electronics
MAAM12032 MACOM-MAAM12032 Datasheet
116Kb / 3P
Low Noise Amplifier 1.7 - 2.0 GHz
MAAL-007673 MACOM-MAAL-007673 Datasheet
158Kb / 4P
Low Noise Amplifier 1.7 - 2.0 GHz
MAALSS0024 MACOM-MAALSS0024 Datasheet
260Kb / 4P
Broadband Low Noise Amplifier 1.7 - 2.1 GHz
MAALSS0027 MACOM-MAALSS0027 Datasheet
288Kb / 6P
GPS Low Noise Amplifier 1.5 - 1.7 GHz
MAALSS0049 MACOM-MAALSS0049 Datasheet
294Kb / 6P
GPS Low Noise Amplifier 1.5 - 1.7 GHz
logo
HBH Microwave GmbH
HA1002 HBH-HA1002 Datasheet
37Kb / 4P
1.1 - 1.7 GHz Low Noise Amplifier
logo
M/A-COM Technology Solu...
MAAM12031 MA-COM-MAAM12031 Datasheet
205Kb / 4P
Low Noise Amplifier 1.7 - 2.0 GHz
MAAL-007673 MA-COM-MAAL-007673 Datasheet
136Kb / 4P
Low Noise Amplifier 1.7 - 2.0 GHz
logo
Skyworks Solutions Inc.
SKY65049-360LF SKYWORKS-SKY65049-360LF Datasheet
259Kb / 12P
1.7 - 2.4 GHz Low Noise Amplifier
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com