Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA1002 Datasheet (PDF) - HBH Microwave GmbH

HA1002 Datasheet PDF - HBH Microwave GmbH
Part # HA1002
Download  HA1002 Download
File Size   37.09 Kbytes
Page   4 Pages
Manufacturer  HBH [HBH Microwave GmbH]
Direct Link  http://www.hbhmw.de/
Logo HBH - HBH Microwave GmbH
Description 1.1 - 1.7 GHz Low Noise Amplifier

HA1002 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA1002 Datasheet PDF - HBH Microwave GmbH

Part # HA1002
Download  HA1002 Click to download

File Size   37.09 Kbytes
Page   4 Pages
Manufacturer  HBH [HBH Microwave GmbH]
Direct Link  http://www.hbhmw.de/
Logo HBH - HBH Microwave GmbH
Description 1.1 - 1.7 GHz Low Noise Amplifier

HA1002 Datasheet (HTML) - HBH Microwave GmbH




Similar Part No. - HA1002

ManufacturerPart #DatasheetDescription
logo
Amphenol Wilcoxon Sensi...
HA100 WILCOXON-HA100 Datasheet
331Kb / 1P
Internally amplified helicopter accelerometer
Rev.A.5 02/21
logo
HBH Microwave GmbH
HA1001 HBH-HA1001 Datasheet
17Kb / 1P
1.0 - 1.5 GHz Low Noise Amplifier
HA1003 HBH-HA1003 Datasheet
25Kb / 2P
1.5 - 1.6 GHz Low Noise Amplifier
logo
Amphenol Wilcoxon Sensi...
HA100V WILCOXON-HA100V Datasheet
294Kb / 1P
Internally amplified velocity sensor
Rev.A 02/21
More results


Similar Description - HA1002

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAM12032 MACOM-MAAM12032 Datasheet
116Kb / 3P
Low Noise Amplifier 1.7 - 2.0 GHz
logo
STMicroelectronics
TSH330 STMICROELECTRONICS-TSH330 Datasheet
503Kb / 19P
1.1 GHz Low-Noise Operational Amplifier
Jun-2005
logo
Tyco Electronics
MAAL-007673 MACOM-MAAL-007673 Datasheet
158Kb / 4P
Low Noise Amplifier 1.7 - 2.0 GHz
MAALSS0024 MACOM-MAALSS0024 Datasheet
260Kb / 4P
Broadband Low Noise Amplifier 1.7 - 2.1 GHz
MAALSS0027 MACOM-MAALSS0027 Datasheet
288Kb / 6P
GPS Low Noise Amplifier 1.5 - 1.7 GHz
MAALSS0049 MACOM-MAALSS0049 Datasheet
294Kb / 6P
GPS Low Noise Amplifier 1.5 - 1.7 GHz
MAAM12031 MACOM-MAAM12031 Datasheet
241Kb / 4P
Low Noise Amplifier 1.7 - 2.0 GHz
logo
M/A-COM Technology Solu...
MAAM12031 MA-COM-MAAM12031 Datasheet
205Kb / 4P
Low Noise Amplifier 1.7 - 2.0 GHz
MAAL-007673 MA-COM-MAAL-007673 Datasheet
136Kb / 4P
Low Noise Amplifier 1.7 - 2.0 GHz
logo
Skyworks Solutions Inc.
SKY65049-360LF SKYWORKS-SKY65049-360LF Datasheet
259Kb / 12P
1.7 - 2.4 GHz Low Noise Amplifier
More results




About HBH Microwave GmbH


HBH Microwave GmbH is a leading manufacturer of high-quality microwave components and subsystems for the telecommunications, aerospace, defense, and scientific research industries. The company was founded in Germany in 1996 and has since established itself as a trusted provider of advanced microwave technologies.

HBH Microwave's product portfolio includes a wide range of microwave components, such as amplifiers, mixers, filters, couplers, and antennas. The company also offers customized solutions for specific applications, including subsystems and integrated microwave assemblies.

The company's engineering team has extensive experience in developing advanced microwave technologies for demanding applications. They work closely with customers to understand their requirements and develop customized solutions that meet their specific needs.

HBH Microwave has a strong focus on quality and reliability. The company's products are manufactured to the highest standards and undergo rigorous testing to ensure their performance and reliability. They are also designed to meet the demanding requirements of military and aerospace applications.

Overall, HBH Microwave is a trusted provider of high-quality microwave components and subsystems. Its commitment to innovation, quality, and customer service has earned it a strong reputation in the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com