Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA1001 Datasheet (PDF) - HBH Microwave GmbH

HA1001 Datasheet PDF - HBH Microwave GmbH
Part # HA1001
Download  HA1001 Download
File Size   17.14 Kbytes
Page   1 Pages
Manufacturer  HBH [HBH Microwave GmbH]
Direct Link  http://www.hbhmw.de/
Logo HBH - HBH Microwave GmbH
Description 1.0 - 1.5 GHz Low Noise Amplifier

HA1001 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA1001 Datasheet PDF - HBH Microwave GmbH

Part # HA1001
Download  HA1001 Click to download

File Size   17.14 Kbytes
Page   1 Pages
Manufacturer  HBH [HBH Microwave GmbH]
Direct Link  http://www.hbhmw.de/
Logo HBH - HBH Microwave GmbH
Description 1.0 - 1.5 GHz Low Noise Amplifier

HA1001 Datasheet (HTML) - HBH Microwave GmbH




Similar Part No. - HA1001

ManufacturerPart #DatasheetDescription
logo
Amphenol Wilcoxon Sensi...
HA100 WILCOXON-HA100 Datasheet
331Kb / 1P
Internally amplified helicopter accelerometer
Rev.A.5 02/21
logo
HBH Microwave GmbH
HA1002 HBH-HA1002 Datasheet
37Kb / 4P
1.1 - 1.7 GHz Low Noise Amplifier
HA1003 HBH-HA1003 Datasheet
25Kb / 2P
1.5 - 1.6 GHz Low Noise Amplifier
logo
Amphenol Wilcoxon Sensi...
HA100V WILCOXON-HA100V Datasheet
294Kb / 1P
Internally amplified velocity sensor
Rev.A 02/21
More results


Similar Description - HA1001

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
INA-52063 HP-INA-52063 Datasheet
93Kb / 7P
1.5 GHz Low Noise Silicon MMIC Amplifier
MGA-86576 HP-MGA-86576 Datasheet
75Kb / 6P
1.5 - 8 GHz Low Noise GaAs MMIC Amplifier
logo
Tyco Electronics
MAAM12021 MACOM-MAAM12021 Datasheet
117Kb / 3P
Low Noise Amplifier 1.5 - 1.6 GHz
MAALSS0027 MACOM-MAALSS0027 Datasheet
288Kb / 6P
GPS Low Noise Amplifier 1.5 - 1.7 GHz
MAALSS0044 MACOM-MAALSS0044 Datasheet
208Kb / 4P
Low Noise Amplifier 1.5 - 1.6 GHz
MAALSS0049 MACOM-MAALSS0049 Datasheet
294Kb / 6P
GPS Low Noise Amplifier 1.5 - 1.7 GHz
logo
HBH Microwave GmbH
HA1003 HBH-HA1003 Datasheet
25Kb / 2P
1.5 - 1.6 GHz Low Noise Amplifier
logo
M/A-COM Technology Solu...
MAALSS0044 MA-COM-MAALSS0044 Datasheet
160Kb / 4P
Low Noise Amplifier 1.5 - 1.6 GHz
MAAM12021 MA-COM-MAAM12021 Datasheet
172Kb / 4P
Low Noise Amplifier 1.5 - 1.6 GHz
logo
Broadcom Corporation.
MGA-86576 BOARDCOM-MGA-86576 Datasheet
121Kb / 6P
1.5?? GHz Low Noise GaAs MMIC Amplifier
More results




About HBH Microwave GmbH


HBH Microwave GmbH is a leading manufacturer of high-quality microwave components and subsystems for the telecommunications, aerospace, defense, and scientific research industries. The company was founded in Germany in 1996 and has since established itself as a trusted provider of advanced microwave technologies.

HBH Microwave's product portfolio includes a wide range of microwave components, such as amplifiers, mixers, filters, couplers, and antennas. The company also offers customized solutions for specific applications, including subsystems and integrated microwave assemblies.

The company's engineering team has extensive experience in developing advanced microwave technologies for demanding applications. They work closely with customers to understand their requirements and develop customized solutions that meet their specific needs.

HBH Microwave has a strong focus on quality and reliability. The company's products are manufactured to the highest standards and undergo rigorous testing to ensure their performance and reliability. They are also designed to meet the demanding requirements of military and aerospace applications.

Overall, HBH Microwave is a trusted provider of high-quality microwave components and subsystems. Its commitment to innovation, quality, and customer service has earned it a strong reputation in the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com