Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA-52063 Datasheet (PDF) - Agilent(Hewlett-Packard)

INA-52063 Datasheet PDF - Agilent(Hewlett-Packard)
Part # INA-52063
Download  INA-52063 Download
File Size   93.67 Kbytes
Page   7 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 1.5 GHz Low Noise Silicon MMIC Amplifier

INA-52063 Datasheet (PDF)

Go To PDF Page Download Datasheet
INA-52063 Datasheet PDF - Agilent(Hewlett-Packard)

Part # INA-52063
Download  INA-52063 Click to download

File Size   93.67 Kbytes
Page   7 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 1.5 GHz Low Noise Silicon MMIC Amplifier

INA-52063 Datasheet (HTML) - Agilent(Hewlett-Packard)


INA-52063 Product details

Description
Hewlett-Packard’s INA-52063 is a Silicon monolithic amplifier that offers excellent gain and power output for applications to 1.5 GHz. Packaged in an ultra miniature SOT-363 package, it requires half the board space of a SOT-143 package.
The INA-52063 is fabricated using HP’s 30 GHz fMAX ISOSATTM Silicon bipolar process which uses nitride self-alignment sub micrometer lithography, trench isolation, ion implantation, gold metallization, and polyimide intermetal dielectric and scratch protection to achieve superior performance, uniformity, and reliability.

Features
• Ultra-Miniature Package
• Single 5 V Supply (30 mA)
• 22 dB Gain
• 8 dBm P1dB
• Unconditionally Stable

Applications
• Amplifier for Cellular, Cordless, Special Mobile Radio, PCS, ISM,
   Wireless LAN, DBS, TVRO, and TV Tuner Applications




Similar Part No. - INA-52063

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
INA-50311 HP-INA-50311 Datasheet
64Kb / 5P
1 GHz Low Noise Silicon MMIC Amplifier
INA-50311-BLK HP-INA-50311-BLK Datasheet
64Kb / 5P
1 GHz Low Noise Silicon MMIC Amplifier
INA-50311-TR1 HP-INA-50311-TR1 Datasheet
64Kb / 5P
1 GHz Low Noise Silicon MMIC Amplifier
INA-51063 HP-INA-51063 Datasheet
69Kb / 5P
2.4 GHz Low Noise Silicon MMIC Amplifier
INA-51063-BLK HP-INA-51063-BLK Datasheet
69Kb / 5P
2.4 GHz Low Noise Silicon MMIC Amplifier
More results


Similar Description - INA-52063

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
INA-30311 HP-INA-30311 Datasheet
75Kb / 6P
1 GHz Low Noise Silicon MMIC Amplifier
INA-50311 HP-INA-50311 Datasheet
64Kb / 5P
1 GHz Low Noise Silicon MMIC Amplifier
INA-51063 HP-INA-51063 Datasheet
69Kb / 5P
2.4 GHz Low Noise Silicon MMIC Amplifier
INA-54063 HP-INA-54063 Datasheet
117Kb / 10P
3.0 GHz Low Noise Silicon MMIC Amplifier
MGA-86576 HP-MGA-86576 Datasheet
75Kb / 6P
1.5 - 8 GHz Low Noise GaAs MMIC Amplifier
logo
NEC
UPC2710T NEC-UPC2710T Datasheet
95Kb / 6P
1.5 GHz SILICON MMIC WIDE-BAND AMPLIFIER
UPC1676B NEC-UPC1676B Datasheet
70Kb / 5P
1.2 GHz BANDWIDTH LOW NOISE SILICON MMIC AMPLIFIER
logo
HBH Microwave GmbH
HA1001 HBH-HA1001 Datasheet
17Kb / 1P
1.0 - 1.5 GHz Low Noise Amplifier
logo
M/A-COM Technology Solu...
MAALSS0044 MA-COM-MAALSS0044 Datasheet
160Kb / 4P
Low Noise Amplifier 1.5 - 1.6 GHz
logo
Broadcom Corporation.
MGA-86576 BOARDCOM-MGA-86576 Datasheet
121Kb / 6P
1.5?? GHz Low Noise GaAs MMIC Amplifier
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com