Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA-54063 Datasheet (PDF) - Agilent(Hewlett-Packard)

INA-54063 Datasheet PDF - Agilent(Hewlett-Packard)
Part # INA-54063
Download  INA-54063 Download
File Size   117.91 Kbytes
Page   10 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 3.0 GHz Low Noise Silicon MMIC Amplifier

INA-54063 Datasheet (PDF)

Go To PDF Page Download Datasheet
INA-54063 Datasheet PDF - Agilent(Hewlett-Packard)

Part # INA-54063
Download  INA-54063 Click to download

File Size   117.91 Kbytes
Page   10 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 3.0 GHz Low Noise Silicon MMIC Amplifier

INA-54063 Datasheet (HTML) - Agilent(Hewlett-Packard)


INA-54063 Product details

Description
Hewlett-Packard’s INA-54063 is a Silicon monolithic amplifier that offers excellent gain and power output for applications to 3.0␣ GHz. Packaged in an ultra miniature SOT-363 package, it requires half the board space of a SOT-143 package.

Features
• Ultra-Miniature Package
• Single 5 V Supply (29␣ mA)
• 21.5 dB Gain (1.9 GHz)
• 8.0 dBm P1dB (1.9 GHz)
• Positive Gain Slope
• Unconditionally Stable

Applications
• IF Amplifier for DBS Downconverter, Cellular, Cordless, Special Mobile Radio, PCS, ISM, and Wireless LAN Applications




Similar Part No. - INA-54063

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
INA-50311 HP-INA-50311 Datasheet
64Kb / 5P
1 GHz Low Noise Silicon MMIC Amplifier
INA-50311-BLK HP-INA-50311-BLK Datasheet
64Kb / 5P
1 GHz Low Noise Silicon MMIC Amplifier
INA-50311-TR1 HP-INA-50311-TR1 Datasheet
64Kb / 5P
1 GHz Low Noise Silicon MMIC Amplifier
INA-51063 HP-INA-51063 Datasheet
69Kb / 5P
2.4 GHz Low Noise Silicon MMIC Amplifier
INA-51063-BLK HP-INA-51063-BLK Datasheet
69Kb / 5P
2.4 GHz Low Noise Silicon MMIC Amplifier
More results


Similar Description - INA-54063

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
INA-30311 HP-INA-30311 Datasheet
75Kb / 6P
1 GHz Low Noise Silicon MMIC Amplifier
INA-50311 HP-INA-50311 Datasheet
64Kb / 5P
1 GHz Low Noise Silicon MMIC Amplifier
INA-51063 HP-INA-51063 Datasheet
69Kb / 5P
2.4 GHz Low Noise Silicon MMIC Amplifier
INA-52063 HP-INA-52063 Datasheet
93Kb / 7P
1.5 GHz Low Noise Silicon MMIC Amplifier
logo
Hittite Microwave Corpo...
HMC548LP3 HITTITE-HMC548LP3 Datasheet
484Kb / 10P
SiGe HBT MMIC LOW NOISE AMPLIFIER, 1.2 - 3.0 GHz
logo
NEC
UPC1676B NEC-UPC1676B Datasheet
70Kb / 5P
1.2 GHz BANDWIDTH LOW NOISE SILICON MMIC AMPLIFIER
logo
Tyco Electronics
MAAL-007304 MACOM-MAAL-007304 Datasheet
204Kb / 4P
Low Noise Amplifier 0.5 - 3.0 GHz
MAAL-008550 MACOM-MAAL-008550 Datasheet
297Kb / 6P
Low Noise Amplifier 0.5 - 3.0 GHz
logo
Skyworks Solutions Inc.
SKY65047-360LF SKYWORKS-SKY65047-360LF Datasheet
857Kb / 14P
0.4-3.0 GHz Low Noise Amplifier
logo
Hittite Microwave Corpo...
HMC548LP3 HITTITE-HMC548LP3_09 Datasheet
348Kb / 8P
SiGe HBT MMIC LOW NOISE AMPLIFIER, 1.2 - 3.0 GHz
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com