Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA1003 Datasheet (PDF) - HBH Microwave GmbH

HA1003 Datasheet PDF - HBH Microwave GmbH
Part # HA1003
Download  HA1003 Download
File Size   25.66 Kbytes
Page   2 Pages
Manufacturer  HBH [HBH Microwave GmbH]
Direct Link  http://www.hbhmw.de/
Logo HBH - HBH Microwave GmbH
Description 1.5 - 1.6 GHz Low Noise Amplifier

HA1003 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA1003 Datasheet PDF - HBH Microwave GmbH

Part # HA1003
Download  HA1003 Click to download

File Size   25.66 Kbytes
Page   2 Pages
Manufacturer  HBH [HBH Microwave GmbH]
Direct Link  http://www.hbhmw.de/
Logo HBH - HBH Microwave GmbH
Description 1.5 - 1.6 GHz Low Noise Amplifier

HA1003 Datasheet (HTML) - HBH Microwave GmbH




Similar Part No. - HA1003

ManufacturerPart #DatasheetDescription
logo
Amphenol Wilcoxon Sensi...
HA100 WILCOXON-HA100 Datasheet
331Kb / 1P
Internally amplified helicopter accelerometer
Rev.A.5 02/21
logo
HBH Microwave GmbH
HA1001 HBH-HA1001 Datasheet
17Kb / 1P
1.0 - 1.5 GHz Low Noise Amplifier
HA1002 HBH-HA1002 Datasheet
37Kb / 4P
1.1 - 1.7 GHz Low Noise Amplifier
logo
Amphenol Wilcoxon Sensi...
HA100V WILCOXON-HA100V Datasheet
294Kb / 1P
Internally amplified velocity sensor
Rev.A 02/21
More results


Similar Description - HA1003

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC1501 MOTOROLA-MRFIC1501 Datasheet
189Kb / 8P
1.6 GHz GaAs LOW NOISE AMPLIFIER
logo
Tyco Electronics
MAAM12021 MACOM-MAAM12021 Datasheet
117Kb / 3P
Low Noise Amplifier 1.5 - 1.6 GHz
MAALSS0044 MACOM-MAALSS0044 Datasheet
208Kb / 4P
Low Noise Amplifier 1.5 - 1.6 GHz
logo
HBH Microwave GmbH
HA1001 HBH-HA1001 Datasheet
17Kb / 1P
1.0 - 1.5 GHz Low Noise Amplifier
logo
M/A-COM Technology Solu...
MAALSS0044 MA-COM-MAALSS0044 Datasheet
160Kb / 4P
Low Noise Amplifier 1.5 - 1.6 GHz
MAAM12021 MA-COM-MAAM12021 Datasheet
172Kb / 4P
Low Noise Amplifier 1.5 - 1.6 GHz
logo
Torex Semiconductor
XC2401A8167R-G TOREX-XC2401A8167R-G Datasheet
315Kb / 16P
1.6 GHz Low Noise Amplifier
XC2401A8167R-G TOREX-XC2401A8167R-G_12 Datasheet
334Kb / 16P
1.6 GHz Low Noise Amplifier
XC2401A8167R-G-12 TOREX-XC2401A8167R-G-12 Datasheet
334Kb / 16P
1.6 GHz Low Noise Amplifier
XC2401A8167R-G TOREX-XC2401A8167R-G_15 Datasheet
334Kb / 16P
1.6 GHz Low Noise Amplifier
More results




About HBH Microwave GmbH


HBH Microwave GmbH is a leading manufacturer of high-quality microwave components and subsystems for the telecommunications, aerospace, defense, and scientific research industries. The company was founded in Germany in 1996 and has since established itself as a trusted provider of advanced microwave technologies.

HBH Microwave's product portfolio includes a wide range of microwave components, such as amplifiers, mixers, filters, couplers, and antennas. The company also offers customized solutions for specific applications, including subsystems and integrated microwave assemblies.

The company's engineering team has extensive experience in developing advanced microwave technologies for demanding applications. They work closely with customers to understand their requirements and develop customized solutions that meet their specific needs.

HBH Microwave has a strong focus on quality and reliability. The company's products are manufactured to the highest standards and undergo rigorous testing to ensure their performance and reliability. They are also designed to meet the demanding requirements of military and aerospace applications.

Overall, HBH Microwave is a trusted provider of high-quality microwave components and subsystems. Its commitment to innovation, quality, and customer service has earned it a strong reputation in the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com