Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRFIC1501 Datasheet (PDF) - Motorola, Inc

MRFIC1501 Datasheet PDF - Motorola, Inc
Part # MRFIC1501
Download  MRFIC1501 Download
File Size   189.03 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 1.6 GHz GaAs LOW NOISE AMPLIFIER

MRFIC1501 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRFIC1501 Datasheet PDF - Motorola, Inc

Part # MRFIC1501
Download  MRFIC1501 Click to download

File Size   189.03 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 1.6 GHz GaAs LOW NOISE AMPLIFIER

MRFIC1501 Datasheet (HTML) - Motorola, Inc


MRFIC1501 Product details

The MRFIC1501 is a low cost yet high performance two–stage, low–noise amplifier designed primarily for use in Global Positioning Satellite System (GPS) and other L–band satellite receivers. The broadband nature of the design makes the device applicable to a variety of L–band applications where high performance at reasonable current and cost are required. Supply current is minimized through a current sharing DC cascode circuit configuration. Supply voltage can be applied to either the VDD pin or the RF output pin for remote antenna applications. The integrated circuit requires minimal off-chip matching while allowing for maximum flexibility in optimizing gain and noise figure. An ENABLE pin is provided to allow for a reduced supply current standby mode. The design employs Motorola’s low cost planar self–aligned MESFET process to assure repeatable characteristics at minimal cost.

• Usable Frequency Range = 1 to 2 GHz
• 18 dB Typ Gain at VDD = 5 Volts
• 1.1 dB Typ Noise Figure at VDD = 5 Volts
• Simple Off-chip Matching for Maximum Gain/Noise Figure Flexibility
• Single Bias Supply = 3 to 5 Volts
• Low Power Consumption = 30 mW (Typ) at 5 Volts
• Low Cost Surface Mount Plastic Package
• Order MRFIC1501R2 for Tape and Reel Option. R2 Suffix = 2,500 Units per 12 mm, 13 inch Reel.
• Device Marking = M1501




Similar Part No. - MRFIC1501

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC1502 MOTOROLA-MRFIC1502 Datasheet
163Kb / 7P
1.575 GHz GPS DOWNCONVERTER
MRFIC1504 MOTOROLA-MRFIC1504 Datasheet
297Kb / 8P
INTERGRATED GPS DOWNCONVERTER
MRFIC1504R2 MOTOROLA-MRFIC1504R2 Datasheet
297Kb / 8P
INTERGRATED GPS DOWNCONVERTER
logo
Freescale Semiconductor...
MRFIC1505 FREESCALE-MRFIC1505 Datasheet
135Kb / 8P
MRFIC1505/MRFIC1505A Integrated GPS Downconverter
logo
NXP Semiconductors
MRFIC1505A NXP-MRFIC1505A Datasheet
272Kb / 8P
MRFIC1505A Integrated GPS Downconverter 1.575 GHz GPS DOWNCONVERTER
Rev. 1, 01/2005
More results


Similar Description - MRFIC1501

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC1808 MOTOROLA-MRFIC1808 Datasheet
158Kb / 8P
1.9 GHz GaAs LOW NOISE AMPLIFIER
logo
Tyco Electronics
MAAM12021 MACOM-MAAM12021 Datasheet
117Kb / 3P
Low Noise Amplifier 1.5 - 1.6 GHz
MAALSS0044 MACOM-MAALSS0044 Datasheet
208Kb / 4P
Low Noise Amplifier 1.5 - 1.6 GHz
logo
HBH Microwave GmbH
HA1003 HBH-HA1003 Datasheet
25Kb / 2P
1.5 - 1.6 GHz Low Noise Amplifier
logo
M/A-COM Technology Solu...
MAALSS0044 MA-COM-MAALSS0044 Datasheet
160Kb / 4P
Low Noise Amplifier 1.5 - 1.6 GHz
MAAM12021 MA-COM-MAAM12021 Datasheet
172Kb / 4P
Low Noise Amplifier 1.5 - 1.6 GHz
logo
Torex Semiconductor
XC2401A8167R-G TOREX-XC2401A8167R-G Datasheet
315Kb / 16P
1.6 GHz Low Noise Amplifier
XC2401A8167R-G TOREX-XC2401A8167R-G_12 Datasheet
334Kb / 16P
1.6 GHz Low Noise Amplifier
XC2401A8167R-G-12 TOREX-XC2401A8167R-G-12 Datasheet
334Kb / 16P
1.6 GHz Low Noise Amplifier
XC2401A8167R-G TOREX-XC2401A8167R-G_15 Datasheet
334Kb / 16P
1.6 GHz Low Noise Amplifier
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com