Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRFIC1808 Datasheet (PDF) - Motorola, Inc

MRFIC1808 Datasheet PDF - Motorola, Inc
Part # MRFIC1808
Download  MRFIC1808 Download
File Size   158.51 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 1.9 GHz GaAs LOW NOISE AMPLIFIER

MRFIC1808 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRFIC1808 Datasheet PDF - Motorola, Inc

Part # MRFIC1808
Download  MRFIC1808 Click to download

File Size   158.51 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 1.9 GHz GaAs LOW NOISE AMPLIFIER

MRFIC1808 Datasheet (HTML) - Motorola, Inc


MRFIC1808 Product details

Designed primarily for use in wireless Personal Communication Systems (PCS) applications such as Digital European Cordless Telephone (DECT), Japan’s Personal Handy System (PHS) and the emerging North American systems as a preamp for discrete or integrated downmixers. The MRFIC1808 is a two–stage low noise amplifier in a low–cost SO–8 package. The amplifier can be matched to optimize gain or noise figure with simple off–chip input matching. The design employs a novel stacked MESFET design which reuses bias current for the highest gain at minimal current. A CMOS compatible RECEIVE ENABLE pin allows for very low standby current while the system is in transmit mode.

• Usable Frequency Range = 1.7 to 2.1 GHz
• 19 dB Typ Gain
• 1.6 dB Typ Noise Figure
• Simple Off–chip Matching for Maximum Gain/Noise Figure Flexibility
• High Reverse Isolation = –34 dB (Typ)
• Low Power Consumption = 13 mW (Typ)
• Single Bias Supply = 2.7 to 4.5 Volts
• Low Standby Current = 8 µA (Typ)
• Low Cost Surface Mount Plastic Package
• Order MRFIC1808R2 forTape and Reel. R2 Suffix = 2,500 Units per 16 mm, 13 inch Reel.
• Device Marking = M1808




Similar Part No. - MRFIC1808

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC1801 MOTOROLA-MRFIC1801 Datasheet
68Kb / 4P
1.8 GHz TRANSMIT/RECEIVE ANTENNA SWITCH GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1803 MOTOROLA-MRFIC1803 Datasheet
119Kb / 6P
1.8 GHz UPMIXER, EXCITER AND LO AMP GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1804 MOTOROLA-MRFIC1804 Datasheet
82Kb / 6P
1.8 GHz LOW NOISE AMPLIFIER AND DOWNMIXER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1805 MOTOROLA-MRFIC1805 Datasheet
220Kb / 10P
1.9 GHz POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1806 MOTOROLA-MRFIC1806 Datasheet
278Kb / 12P
1.8 GHz DRIVER AMPLIFIER AND RAMP CIRCUIT GaAs MONOLITHIC INTEGRATED CIRCUIT
More results


Similar Description - MRFIC1808

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC1501 MOTOROLA-MRFIC1501 Datasheet
189Kb / 8P
1.6 GHz GaAs LOW NOISE AMPLIFIER
MRFIC1805 MOTOROLA-MRFIC1805 Datasheet
220Kb / 10P
1.9 GHz POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
logo
New Japan Radio
NJG1105F NJRC-NJG1105F Datasheet
52Kb / 5P
1.9/2.1GHz LOW NOISE AMPLIFIER GaAs MMIC
logo
TriQuint Semiconductor
QPA2626 TRIQUINT-QPA2626 Datasheet
1Mb / 14P
17-22 GHz GaAs Low Noise Amplifier
QPA2628D TRIQUINT-QPA2628D Datasheet
1Mb / 14P
25 ??31 GHz GaAs Low Noise Amplifier
logo
Broadcom Corporation.
MGA-86576 BOARDCOM-MGA-86576 Datasheet
121Kb / 6P
1.5?? GHz Low Noise GaAs MMIC Amplifier
logo
Qorvo, Inc
QPA2609 QORVO-QPA2609 Datasheet
1Mb / 17P
7 ??14 GHz GaAs Low Noise Amplifier
QPA2735 QORVO-QPA2735 Datasheet
1Mb / 15P
13 ??20 GHz GaAs Low Noise Amplifier
QPA2626 QORVO-QPA2626 Datasheet
1Mb / 15P
17 ??22 GHz GaAs Low Noise Amplifier
QPA2626 QORVO-QPA2626_V01 Datasheet
1Mb / 15P
17 – 22 GHz GaAs Low Noise Amplifier
Nov. 2021
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com