Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRFIC1502 Datasheet (PDF) - Motorola, Inc

MRFIC1502 Datasheet PDF - Motorola, Inc
Part # MRFIC1502
Download  MRFIC1502 Download
File Size   163.95 Kbytes
Page   7 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 1.575 GHz GPS DOWNCONVERTER

MRFIC1502 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRFIC1502 Datasheet PDF - Motorola, Inc

Part # MRFIC1502
Download  MRFIC1502 Click to download

File Size   163.95 Kbytes
Page   7 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 1.575 GHz GPS DOWNCONVERTER

MRFIC1502 Datasheet (HTML) - Motorola, Inc


MRFIC1502 Product details

This integrated circuit is intended for GPS receiver applications. The dual conversion design is implemented in Motorola’s low–cost high performance MOSAIC 3 silicon bipolar process and is packaged in a low–cost surface mount TQFP–48 package. In addition to the mixers, a VCO, a PLL and a loop filter are integrated on–chip. Output IF is nominally 9.5 MHz.

• 65 dB Minimum Conversion Gain
• 5 Volts Operation
• 50 mA Typical Current Consumption
• Low–Cost, Low Profile Plastic TQFP Package
• Device Marking = M1502




Similar Part No. - MRFIC1502

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC1501 MOTOROLA-MRFIC1501 Datasheet
189Kb / 8P
1.6 GHz GaAs LOW NOISE AMPLIFIER
MRFIC1504 MOTOROLA-MRFIC1504 Datasheet
297Kb / 8P
INTERGRATED GPS DOWNCONVERTER
MRFIC1504R2 MOTOROLA-MRFIC1504R2 Datasheet
297Kb / 8P
INTERGRATED GPS DOWNCONVERTER
logo
Freescale Semiconductor...
MRFIC1505 FREESCALE-MRFIC1505 Datasheet
135Kb / 8P
MRFIC1505/MRFIC1505A Integrated GPS Downconverter
logo
NXP Semiconductors
MRFIC1505A NXP-MRFIC1505A Datasheet
272Kb / 8P
MRFIC1505A Integrated GPS Downconverter 1.575 GHz GPS DOWNCONVERTER
Rev. 1, 01/2005
More results


Similar Description - MRFIC1502

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65088 SKYWORKS-SKY65088 Datasheet
190Kb / 11P
1.575 GHz GPS Low Noise Amplifier
logo
Johanson Technology Inc...
1575AT54A0010 JOHANSON-1575AT54A0010 Datasheet
308Kb / 5P
1.575 GHz Multilayer GPS Chip Antenna
logo
Pulse A Technitrol Comp...
W3213 PULSE-W3213 Datasheet
1Mb / 3P
1.575 GHz GPS Ceramic Patch Antenna
W3011 PULSE-W3011 Datasheet
1Mb / 8P
1.575 GHz GPS Ceramic Chip Antenna
W3110 PULSE-W3110 Datasheet
899Kb / 5P
1.575 GHz Helical GPS SMD Antenna
logo
WALSIN TECHNOLOGY CORPO...
RFDIP1608060T1T WALSIN-RFDIP1608060T1T Datasheet
635Kb / 7P
GPS 1.575 GHz/ISM 2.4 GHz Band Application
RFDIP1608060TM7T62 WALSIN-RFDIP1608060TM7T62 Datasheet
530Kb / 7P
GPS 1.575 GHz/ISM 2.4 GHz/5GHz Band Application
RFDIP1608060TS0T62 WALSIN-RFDIP1608060TS0T62 Datasheet
652Kb / 7P
GPS 1.575 GHz/ISM 2.4 GHz/5GHz Band Application
RFTIP2012090TBT WALSIN-RFTIP2012090TBT Datasheet
469Kb / 4P
GPS 1.575 GHz/ISM 2.4 GHz/5GHz Band RF Application
logo
NXP Semiconductors
MRFIC1505A NXP-MRFIC1505A Datasheet
272Kb / 8P
MRFIC1505A Integrated GPS Downconverter 1.575 GHz GPS DOWNCONVERTER
Rev. 1, 01/2005
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com