Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ8893MQL Datasheet (PDF) - Microchip Technology

KSZ8893MQL Datasheet PDF - Microchip Technology
Part # KSZ8893MQL
Download  KSZ8893MQL Download
File Size   2230.6 Kbytes
Page   108 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Integrated 3-Port 10/100 Managed Switch with PHYs

KSZ8893MQL Datasheet (PDF)

Go To PDF Page Download Datasheet
KSZ8893MQL Datasheet PDF - Microchip Technology

Part # KSZ8893MQL
Download  KSZ8893MQL Click to download

File Size   2230.6 Kbytes
Page   108 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Integrated 3-Port 10/100 Managed Switch with PHYs

KSZ8893MQL Datasheet (HTML) - Microchip Technology


KSZ8893MQL Product details

Features
• Proven Integrated 3-Port 10/100 Ethernet Switch:
- 3rd Generation Switch with Three MACs
and Two PHYs, Fully Compliant with
IEEE 802.3u Standard
- Non-Blocking Switch Fabric Assures Fast
Packet Delivery by Utilizing a 1K MAC
Address Look-up Table and a
Store-and-Forward Architecture
- Full-Duplex IEEE 802.3x Flow Control
(PAUSE) with Force Mode Option
- Half-Duplex Backpressure Flow Control
- HP Auto MDI-X for Reliable Detection of, and
Correction for, Straight-Through and Crossover
Cables with Disable and Enable Option
- Microchip LINKMD® TDR-Based Cable
Diagnostics Permit Identification of Faulty
Copper Cabling
- 100BASE-FX Support on Port 1
- MII Interface Supports Both MAC Mode and
PHY Mode
- RMII Interface Support with External
50 MHz System Clock
- 7-Wire Serial Network Interface (SNI)
Support for Legacy MAC
- Comprehensive LED Indicator Support for Link,
Activity, Full/Half-Duplex and 10/100 Speed
• Comprehensive Configuration Register Access:
- Serial Management Interface (SMI) to All
Internal Registers
- MII Management (MIIM) Interface to PHY Registers
- SPI and I2C Interface to All Internal Registers
- I/O Pins Strapping and EEPROM to Program
Selective Registers in Unmanaged Switch Mode
- Control Registers Configurable On-the-Fly
(Port Priority, 802.1p/d/q, AN…)
• QoS/CoS Packet Prioritization Support:
- Per Port, 802.1p and DiffServ-Based
- Remapping of 802.1p Priority Field per Port Basis
- Four Priority Levels
• Advanced Switch Features:
- IEEE 802.1Q VLAN Support for Up to
16 Groups (Full Range of VLAN IDs)
- VLAN ID Tag/Untag Options per Port Basis
- IEEE 802.1p/q Tag Insertion or Removal on a
per Port Basis (Egress)
- Programmable Rate Limiting at the Ingress
and Egress on a per Port Basis
- Broadcast Storm Protection with Percent
Control (Global and per Port Basis)
• Advanced Switch Features (Continued):
- IEEE 802.1d Spanning Tree Protocol Support
- Special Tagging Mode to Inform the Processor
which Ingress Port Receives the Packet
- IGMP Snooping (IPv4) and MLD Snooping
(IPv6) Support for Multicast Packet Filtering
- MAC Filtering Function to Forward Unknown
Unicast Packets to Specified Port
- Double-Tagging Support
- Supports IEEE 802.1w, 802.1t Spanning Tree
• Low-Latency Support:
- Repeater Mode
• Switch Monitoring Features:
- Port Mirroring/Monitoring/Sniffing: Ingress
and/or Egress Traffic to Any Port or MII
- MIB Counters for Fully Compliant Statistics
Gathering, 34 MIB Counters per Port
- Loopback Modes for Remote Diagnostic of Failure
• Low-Power Dissipation:
- Full Chip Hardware Power-Down
(Register Configuration is Not Saved)
- Per Port-Based Software Power Save on PHY (Idle
Link Detection, Register Configuration Preserved)
- Single 3.3V Power Supply
• Industrial Temperature Range: –40°C to +85°C
• Available in a 128-Pin PQFP and 100-Ball LFBGA:
- Lead-Free Package

Applications
• Typical:
- Media Converter
- FTTx Customer Premises Equipment
- VoIP Phone
- SOHO Residential Gateway
- Broadband Gateway/Firewall/VPN
- Integrated DSL/Cable Modem
- Wireless LAN Access Point + Gateway
- Set-Top/Game Box
- Stand-Alone 10/100 Switch
• Upgradeable(1):
- Unmanaged Switch with Future Option to
Migrate to a Managed Solution
- Single PHY Alternative with Future
Expansion Option for Two Ports
• Industrial:
- Applications Requiring Port Redundancy and
Port Monitoring
- Sensor Devices in Redundant Ring Topology




Similar Part No. - KSZ8893MQL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8893MQL MICREL-KSZ8893MQL Datasheet
703Kb / 116P
Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8893MQL MICREL-KSZ8893MQL Datasheet
703Kb / 116P
Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8893MQL MICREL-KSZ8893MQL Datasheet
703Kb / 116P
Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8893MQL-EVAL MICREL-KSZ8893MQL-EVAL Datasheet
703Kb / 116P
Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8893MQLAM MICREL-KSZ8893MQLAM Datasheet
703Kb / 116P
Integrated 3-Port 10/100 Managed Switch with PHYs
More results


Similar Description - KSZ8893MQL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KS8993M MICREL-KS8993M_11 Datasheet
1Mb / 86P
Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLLJ MICREL-KSZ8873MLLJ Datasheet
1Mb / 108P
Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLL MICREL-KSZ8873MLL_11 Datasheet
842Kb / 108P
Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8893MQL MICREL-KSZ8893MQL Datasheet
703Kb / 116P
Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8893MBL MICREL-KSZ8893MBL Datasheet
703Kb / 116P
Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8893MQLI MICREL-KSZ8893MQLI Datasheet
703Kb / 116P
Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8863RLLI MICREL-KSZ8863RLLI Datasheet
1Mb / 107P
Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8893M MICREL-KSZ8893M Datasheet
703Kb / 116P
Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLL MICREL-KSZ8873MLL_13 Datasheet
1Mb / 115P
Integrated 3-Port 10/100 Managed Switch with PHYs
logo
Microchip Technology
KSZ8863MLL MICROCHIP-KSZ8863MLL Datasheet
2Mb / 92P
Integrated 3-Port 10/100 Managed Switch with PHYs
02/28/20
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com