Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ8893MQLAM Datasheet (PDF) - Micrel Semiconductor

KSZ8893MQLAM Datasheet PDF - Micrel Semiconductor
Part # KSZ8893MQLAM
Download  KSZ8893MQLAM Download
File Size   703.24 Kbytes
Page   116 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Integrated 3-Port 10/100 Managed Switch with PHYs

KSZ8893MQLAM Datasheet (PDF)

Go To PDF Page Download Datasheet
KSZ8893MQLAM Datasheet PDF - Micrel Semiconductor

Part # KSZ8893MQLAM
Download  KSZ8893MQLAM Click to download

File Size   703.24 Kbytes
Page   116 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Integrated 3-Port 10/100 Managed Switch with PHYs

KSZ8893MQLAM Datasheet (HTML) - Micrel Semiconductor


KSZ8893MQLAM Product details

General Description
The KSZ8893MQL/MBL, a highly integrated layer 2 managed switch, is designed for low port count, cost-sensitive 10/100 Mbps switch systems. It offers an extensive feature set that includes rate limiting, tag/port-based VLAN, QoS priority, management, management information base (MIB) counters, RMII/MII/SNI, and CPU control/data interfaces to effectively address both current and emerging Fast Ethernet applications.

Features
• Proven Integrated 3-Port 10/100 Ethernet Switch
   – 3rd generation switch with three MACs and two PHYs fully compliant with IEEE 802.3u standard
   – Non-blocking switch fabric assures fast packet delivery by utilizing an 1K MAC address lookup table  and a store-and-forward architecture
   – Full duplex IEEE 802.3x flow control (PAUSE) with force mode option
   – Half-duplex back pressure flow control
   – HP Auto MDI-X for reliable detection of and correction for straight-through and crossover cables with disable and enable option
   – Micrel LinkMDTM TDR-based cable diagnostics permit identification of faulty copper cabling
   – 100BASE-FX support on port 1
   – MII interface supports both MAC mode and PHY mode
   – RMII interface support with external 50MHz system clock
   – 7-wire serial network interface (SNI) support for legacy MAC
   – Comprehensive LED Indicator support for link, activity, full/half duplex and 10/100 speed
• Comprehensive Configuration Register Access
   – Serial management interface (SMI) to all internal registers
   – MII management (MIIM) interface to PHY registers
   – SPI and I2C Interface to all internal registers
   – I/0 pins strapping and EEPROM to program selective registers in unmanaged switch mode
   – Control registers configurable on the fly (port-priority, 802.1p/d/q, AN…) (Continue...)
  
Applications
• Typical
   – Media Converter
   – FTTx customer premises equipment
   – VoIP Phone
   – SOHO Residential Gateway
   – Broadband Gateway / Firewall / VPN
   – Integrated DSL/Cable Modem
   – Wireless LAN access point + gateway
   – Set-top/Game Box
   – Standalone 10/100 switch
• Upgradeable(1)
   – Unmanaged switch with future option to migrate to a managed solution
   – Single PHY alternative with future expansion option for two ports
• Industrial
   – Applications requiring port redundancy and port monitoring
   – Sensor devices in redundant ring topology




Similar Part No. - KSZ8893MQLAM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8893MQLAM MICREL-KSZ8893MQLAM Datasheet
703Kb / 116P
Integrated 3-Port 10/100 Managed Switch with PHYs
More results


Similar Description - KSZ8893MQLAM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KS8993M MICREL-KS8993M_11 Datasheet
1Mb / 86P
Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLLJ MICREL-KSZ8873MLLJ Datasheet
1Mb / 108P
Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLL MICREL-KSZ8873MLL_11 Datasheet
842Kb / 108P
Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8893MQL MICREL-KSZ8893MQL Datasheet
703Kb / 116P
Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8893MQLI MICREL-KSZ8893MQLI Datasheet
703Kb / 116P
Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8863RLLI MICREL-KSZ8863RLLI Datasheet
1Mb / 107P
Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8893M MICREL-KSZ8893M Datasheet
703Kb / 116P
Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLL MICREL-KSZ8873MLL_13 Datasheet
1Mb / 115P
Integrated 3-Port 10/100 Managed Switch with PHYs
logo
Microchip Technology
KSZ8863MLL MICROCHIP-KSZ8863MLL Datasheet
2Mb / 92P
Integrated 3-Port 10/100 Managed Switch with PHYs
02/28/20
KSZ8893MQL MICROCHIP-KSZ8893MQL Datasheet
2Mb / 108P
Integrated 3-Port 10/100 Managed Switch with PHYs
DS00002897A 1-3-19
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com