Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAMML0017 Datasheet (PDF) - Tyco Electronics

MAAMML0017 Datasheet PDF - Tyco Electronics
Part # MAAMML0017
Download  MAAMML0017 Download
File Size   90.75 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Ka Band Connectorised Amplifier: 30 - 35 GHz

MAAMML0017 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAAMML0017 Datasheet PDF - Tyco Electronics

Part # MAAMML0017
Download  MAAMML0017 Click to download

File Size   90.75 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Ka Band Connectorised Amplifier: 30 - 35 GHz

MAAMML0017 Datasheet (HTML) - Tyco Electronics




Similar Part No. - MAAMML0017

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAMML0016 MACOM-MAAMML0016 Datasheet
90Kb / 2P
Ka Band Connectorised Amplifier: 24 - 30 GHz
MAAMML0018 MACOM-MAAMML0018 Datasheet
96Kb / 2P
Variable Gain Control, X Band Connectorised Amplifier: 8 - 12 GHz
MAAMML0019 MACOM-MAAMML0019 Datasheet
103Kb / 2P
X -> Ka Band, Connectorised Tripler: 8 - 10 GHz -> 24 - 30 GHz
More results


Similar Description - MAAMML0017

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAMML0016 MACOM-MAAMML0016 Datasheet
90Kb / 2P
Ka Band Connectorised Amplifier: 24 - 30 GHz
MAAMML0018 MACOM-MAAMML0018 Datasheet
96Kb / 2P
Variable Gain Control, X Band Connectorised Amplifier: 8 - 12 GHz
logo
TriQuint Semiconductor
TGA4517-EPU TRIQUINT-TGA4517-EPU Datasheet
135Kb / 10P
Ka-Band Power Amplifier
logo
Tyco Electronics
MAAMML0019 MACOM-MAAMML0019 Datasheet
103Kb / 2P
X -> Ka Band, Connectorised Tripler: 8 - 10 GHz -> 24 - 30 GHz
MAAMML0020 MACOM-MAAMML0020 Datasheet
103Kb / 2P
X -> Ka Band, Connectorised Tripler: 9 - 11 GHz -> 27 - 33 GHz
MAAMML0021 MACOM-MAAMML0021 Datasheet
103Kb / 2P
X -> Ka Band, Connectorised Tripler: 10 - 12 GHz -> 30 - 36 GHz
logo
Qorvo, Inc
QPB3238 QORVO-QPB3238 Datasheet
794Kb / 9P
32 ??38 GHz Ka-Band GaN Amplifier
QPB2731N QORVO-QPB2731N Datasheet
503Kb / 8P
27 ??31 GHz Ka-Band GaN Amplifier
QPB2731 QORVO-QPB2731 Datasheet
608Kb / 8P
27 ??31 GHz Ka-Band GaN Amplifier
QPB3238N QORVO-QPB3238N Datasheet
1Mb / 17P
32 – 38 GHz Ka-Band GaN Amplifier
September 2021
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com