Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAMML0018 Datasheet (PDF) - Tyco Electronics

MAAMML0018 Datasheet PDF - Tyco Electronics
Part # MAAMML0018
Download  MAAMML0018 Download
File Size   96.34 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Variable Gain Control, X Band Connectorised Amplifier: 8 - 12 GHz

MAAMML0018 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAAMML0018 Datasheet PDF - Tyco Electronics

Part # MAAMML0018
Download  MAAMML0018 Click to download

File Size   96.34 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Variable Gain Control, X Band Connectorised Amplifier: 8 - 12 GHz

MAAMML0018 Datasheet (HTML) - Tyco Electronics




Similar Part No. - MAAMML0018

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAMML0016 MACOM-MAAMML0016 Datasheet
90Kb / 2P
Ka Band Connectorised Amplifier: 24 - 30 GHz
MAAMML0017 MACOM-MAAMML0017 Datasheet
90Kb / 2P
Ka Band Connectorised Amplifier: 30 - 35 GHz
MAAMML0019 MACOM-MAAMML0019 Datasheet
103Kb / 2P
X -> Ka Band, Connectorised Tripler: 8 - 10 GHz -> 24 - 30 GHz
More results


Similar Description - MAAMML0018

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM55-0023 MACOM-AM55-0023 Datasheet
230Kb / 4P
Variable Voltage Gain Control Amplifier 0.8 - 2.0 GHz
MAAMML0016 MACOM-MAAMML0016 Datasheet
90Kb / 2P
Ka Band Connectorised Amplifier: 24 - 30 GHz
MAAMML0017 MACOM-MAAMML0017 Datasheet
90Kb / 2P
Ka Band Connectorised Amplifier: 30 - 35 GHz
logo
WJ Communication. Inc.
VG101 WJCI-VG101 Datasheet
512Kb / 5P
Cellular-band Variable Gain Amplifier
logo
Tyco Electronics
MAAMML0019 MACOM-MAAMML0019 Datasheet
103Kb / 2P
X -> Ka Band, Connectorised Tripler: 8 - 10 GHz -> 24 - 30 GHz
MAAMML0021 MACOM-MAAMML0021 Datasheet
103Kb / 2P
X -> Ka Band, Connectorised Tripler: 10 - 12 GHz -> 30 - 36 GHz
logo
Hittite Microwave Corpo...
HMC996LP4E HITTITE-HMC996LP4E Datasheet
467Kb / 8P
Variable Gain Amplifier 5 to 12 GHz
logo
Analog Devices
HMC8121 AD-HMC8121 Datasheet
343Kb / 16P
E-Band Variable Gain Amplifier
4/2017-Rev. A to Rev. B
HMC8120 AD-HMC8120 Datasheet
360Kb / 16P
E-Band Variable Gain Amplifier
Feb-2016
logo
Guerrilla RF, Inc.
GRF2710 GUERRILLA-GRF2710 Datasheet
1Mb / 17P
HIGH GAIN, X-Band LNA 8 to 12 GHz
April 4, 2023
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com