Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM55-0023 Datasheet (PDF) - Tyco Electronics

AM55-0023 Datasheet PDF - Tyco Electronics
Part # AM55-0023
Download  AM55-0023 Download
File Size   230.23 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Variable Voltage Gain Control Amplifier 0.8 - 2.0 GHz

AM55-0023 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM55-0023 Datasheet PDF - Tyco Electronics

Part # AM55-0023
Download  AM55-0023 Click to download

File Size   230.23 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Variable Voltage Gain Control Amplifier 0.8 - 2.0 GHz

AM55-0023 Datasheet (HTML) - Tyco Electronics


AM55-0023 Product details

Description
M/A-COM’s AM55-0023 is a high performance, voltage controlled, variable gain amplifier. It has been designed for use in a broad range of applications including cellular base stations and mobile radio where AGC is required to increase system dynamic range.
The gain control operates best in the 900 MHz range and also has useable gain to 2.5 GHz. DC current is low at 160 mA at 3V bias and 200 mA at 5V bias. The package is a low cost MLF.
The AM55-0023 is fabricated using M/A-COM’s 0.5 micron low noise GaAs MESFET process. The process features full passivation for performance and reliability.

Features
• Highly Integrated Variable Voltage Gain Control Amplifier
• Operates with 3.0 V to 5 V Supply Voltage
• Greater than 40 dB dynamic range
• High Output P1dB: +17 dBm @ 3 V, 19 dBm @ 5V
• Low Cost 5 mm FQFP-N Package




Similar Part No. - AM55-0023

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM55-0024 MACOM-AM55-0024 Datasheet
393Kb / 4P
Hi Dyn Range 2 Channel IF Amp with Power Control, 100 - 400 MHz
AM55-0024 MACOM-AM55-0024 Datasheet
130Kb / 4P
High Dynamic Range, 2 Channel IF Amplifier with Power Control 100 - 400 MHz
AM55-0024RTR MACOM-AM55-0024RTR Datasheet
393Kb / 4P
Hi Dyn Range 2 Channel IF Amp with Power Control, 100 - 400 MHz
AM55-0024TR MACOM-AM55-0024TR Datasheet
393Kb / 4P
Hi Dyn Range 2 Channel IF Amp with Power Control, 100 - 400 MHz
AM55-0024TR-3000 MACOM-AM55-0024TR-3000 Datasheet
130Kb / 4P
High Dynamic Range, 2 Channel IF Amplifier with Power Control 100 - 400 MHz
More results


Similar Description - AM55-0023

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAMML0018 MACOM-MAAMML0018 Datasheet
96Kb / 2P
Variable Gain Control, X Band Connectorised Amplifier: 8 - 12 GHz
logo
HBH Microwave GmbH
HA6007 HBH-HA6007 Datasheet
25Kb / 1P
10.0 - 13.0 GHz Variable Gain Amplifier
logo
Hittite Microwave Corpo...
HMC173MS8 HITTITE-HMC173MS8_01 Datasheet
108Kb / 6P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 0.8 - 2.0 GHz
logo
United Monolithic Semic...
CHA4861-QGG UMS-CHA4861-QGG Datasheet
519Kb / 14P
6-11 GHz Variable Gain Amplifier
logo
TriQuint Semiconductor
TQM8M9075 TRIQUINT-TQM8M9075 Datasheet
771Kb / 8P
0.05?? GHz Digital Variable Gain Amplifier
logo
M/A-COM Technology Solu...
MAAM-009320-V1 MA-COM-MAAM-009320-V1 Datasheet
306Kb / 11P
Variable Gain Amplifier with Analog Control
logo
TriQuint Semiconductor
TQM8M9074 TRIQUINT-TQM8M9074_15 Datasheet
892Kb / 9P
0.05 ??4 GHz Digital Variable Gain Amplifier
logo
United Monolithic Semic...
CHA4861-QGG UMS-CHA4861-QGG_15 Datasheet
519Kb / 14P
6-11 GHz Variable Gain Amplifier
logo
M/A-COM Technology Solu...
MAAM-009320 MA-COM-MAAM-009320_15 Datasheet
873Kb / 12P
Variable Gain Amplifier with Analog Control
logo
Analog Devices
AD8367S AD-AD8367S Datasheet
1Mb / 19P
Variable Gain Amplifier with Automatic Gain Control Detector
23-Feb-2017
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com