Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM55-0024 Datasheet (PDF) - Tyco Electronics

AM55-0024 Datasheet PDF - Tyco Electronics
Part # AM55-0024
Download  AM55-0024 Download
File Size   393.19 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Hi Dyn Range 2 Channel IF Amp with Power Control, 100 - 400 MHz

AM55-0024 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM55-0024 Datasheet PDF - Tyco Electronics

Part # AM55-0024
Download  AM55-0024 Click to download

File Size   393.19 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Hi Dyn Range 2 Channel IF Amp with Power Control, 100 - 400 MHz

AM55-0024 Datasheet (HTML) - Tyco Electronics


AM55-0024 Product details

Description
The M/A-COM AM55-0024 is a dual channel IF amplifier and digital attenuator packaged in a multi-layer multi-chip module (MCM). Gain control is via two separate serial logic interfaces. The part utilizes Plastic Ball Grid Array (PBGA) interconnect technology to achieve high circuit density and superior performance. This device is ideal for GSM/DCS/PCS digital base station applications where high dynamic range gain control functionality is required.

Features
■ Attenuation: 0.5 dB steps to 31.5 dB
■ 6 Bit Digital Gain Control
■ CMOS Logic
■ Serial Logic Interface
■ Single Positive Voltage Supply
■ 8 mm PBGA Package
■ JEDEC MO-151 Footprint
■ Single Package Solution for GSM,CDMA,PCS




Similar Part No. - AM55-0024

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM55-0024 MACOM-AM55-0024 Datasheet
130Kb / 4P
High Dynamic Range, 2 Channel IF Amplifier with Power Control 100 - 400 MHz
AM55-0024TR-3000 MACOM-AM55-0024TR-3000 Datasheet
130Kb / 4P
High Dynamic Range, 2 Channel IF Amplifier with Power Control 100 - 400 MHz
AM55-0024 MACOM-AM55-0024_1 Datasheet
130Kb / 4P
High Dynamic Range, 2 Channel IF Amplifier with Power Control 100 - 400 MHz
More results


Similar Description - AM55-0024

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MTH-50 MACOM-MTH-50 Datasheet
127Kb / 1P
Two-Way Power Dividers 1 - 100 MHz and 40 - 400 MHz
logo
Zetex Semiconductors
ZXHF5000 ZETEX-ZXHF5000 Datasheet
78Kb / 2P
4:2 IF switch with integrated gain and control
logo
Tyco Electronics
AM55-0024 MACOM-AM55-0024_1 Datasheet
130Kb / 4P
High Dynamic Range, 2 Channel IF Amplifier with Power Control 100 - 400 MHz
logo
Integrated Circuit Syst...
SF0400BA02520S ICST-SF0400BA02520S Datasheet
95Kb / 2P
400 MHz IF SAW Filter 160 KHz Bandwidth
logo
M/A-COM Technology Solu...
MTH-50 MA-COM-MTH-50 Datasheet
56Kb / 2P
Two-Way Power Dividers, 1 - 100 MHz and 40 - 400 MHz
THV-50 MA-COM-THV-50 Datasheet
69Kb / 2P
Two-Way Power Dividers, 2 - 200 MHz and 20 - 400 MHz
logo
Diodes Incorporated
ZXHF5000 DIODES-ZXHF5000 Datasheet
87Kb / 2P
4:2 IF switch with integrated gain and control
OCTOBER 2006
logo
Analog Devices
AD6649 AD-AD6649 Datasheet
1Mb / 40P
IF Diversity Receiver IF sampling frequencies to 400 MHz
REV. 0
logo
M/A-COM Technology Solu...
MAAM-009320 MA-COM-MAAM-009320 Datasheet
306Kb / 11P
Variable Gain Amplifier with Analog Control 400 - 2700 MHz
logo
Diodes Incorporated
ZXHF5002 DIODES-ZXHF5002 Datasheet
97Kb / 2P
4:2 IF switch with integrated gain and control
JUNE 2008
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com