Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTH-50 Datasheet (PDF) - Tyco Electronics

MTH-50 Datasheet PDF - Tyco Electronics
Part # MTH-50
Download  MTH-50 Download
File Size   127.03 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Two-Way Power Dividers 1 - 100 MHz and 40 - 400 MHz

MTH-50 Datasheet (PDF)

Go To PDF Page Download Datasheet
MTH-50 Datasheet PDF - Tyco Electronics

Part # MTH-50
Download  MTH-50 Click to download

File Size   127.03 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Two-Way Power Dividers 1 - 100 MHz and 40 - 400 MHz

MTH-50 Datasheet (HTML) - Tyco Electronics




Similar Part No. - MTH-50

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MTH-50 MA-COM-MTH-50 Datasheet
56Kb / 2P
Two-Way Power Dividers, 1 - 100 MHz and 40 - 400 MHz
MTH-50 MA-COM-MTH-50 Datasheet
56Kb / 2P
Two-Way Power Dividers
MTH-50 MA-COM-MTH-50_15 Datasheet
56Kb / 2P
Two-Way Power Dividers
More results


Similar Description - MTH-50

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS-117308 MACOM-DS-117308 Datasheet
110Kb / 2P
Three-Way Power Dividers 1 - 300 MHz
M3H-50 MACOM-M3H-50 Datasheet
84Kb / 1P
Three-Way Power Dividers 1 - 100 MHz and 50 - 300 MHz
THV-50 MACOM-THV-50 Datasheet
115Kb / 2P
Two-Way Power Dividers 2 - 200 MHz and 20 - 400 MHz
DS-113 MACOM-DS-113 Datasheet
138Kb / 3P
Two-Way Power Divider, 400 KHz - 400 MHz
logo
M/A-COM Technology Solu...
DS-332 MA-COM-DS-332 Datasheet
107Kb / 2P
Two-Way Power Divider, 400 KHz - 400 MHz
DSS-113 MA-COM-DSS-113 Datasheet
120Kb / 3P
Two-Way Power Divider, 400 KHz - 400 MHz
M3H-50 MA-COM-M3H-50 Datasheet
66Kb / 2P
Three-Way Power Dividers, 1 - 100 MHz and 50 - 300 MHz
MTH-50 MA-COM-MTH-50 Datasheet
56Kb / 2P
Two-Way Power Dividers, 1 - 100 MHz and 40 - 400 MHz
THV-50 MA-COM-THV-50 Datasheet
69Kb / 2P
Two-Way Power Dividers, 2 - 200 MHz and 20 - 400 MHz
THV-50 MA-COM-THV-50 Datasheet
69Kb / 2P
Two-Way Power Dividers
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com