Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3H-50 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

M3H-50 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # M3H-50
Download  M3H-50 Download
File Size   66.02 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Three-Way Power Dividers, 1 - 100 MHz and 50 - 300 MHz

M3H-50 Datasheet (PDF)

Go To PDF Page Download Datasheet
M3H-50 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # M3H-50
Download  M3H-50 Click to download

File Size   66.02 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Three-Way Power Dividers, 1 - 100 MHz and 50 - 300 MHz

M3H-50 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


M3H-50 Product details

Description
A Power Divider is ideally a lossless reciprocal device which can also perform vector summation of two or more signals and thus is sometimes called a power combiner or summer.

Features
• Ideal for High Density Packaging
• High Isolation
• VSWR: 1.3:1 Max.
• Impedance: 50 Ohms Nominal
• Maximum Power Rating or Input Power: 1 Watt Max.
• Internal Load Dissipation: 0.05 Watts Max.
• MIL-STD-202 Screening Available




Similar Part No. - M3H-50

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
M3H-50 MACOM-M3H-50 Datasheet
84Kb / 1P
Three-Way Power Dividers 1 - 100 MHz and 50 - 300 MHz
logo
M/A-COM Technology Solu...
M3H-50 MA-COM-M3H-50 Datasheet
66Kb / 2P
Three-Way Power Dividers
M3H-50 MA-COM-M3H-50_15 Datasheet
66Kb / 2P
Three-Way Power Dividers
More results


Similar Description - M3H-50

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS-117308 MACOM-DS-117308 Datasheet
110Kb / 2P
Three-Way Power Dividers 1 - 300 MHz
M3H-50 MACOM-M3H-50 Datasheet
84Kb / 1P
Three-Way Power Dividers 1 - 100 MHz and 50 - 300 MHz
MTH-50 MACOM-MTH-50 Datasheet
127Kb / 1P
Two-Way Power Dividers 1 - 100 MHz and 40 - 400 MHz
THV-50 MACOM-THV-50 Datasheet
115Kb / 2P
Two-Way Power Dividers 2 - 200 MHz and 20 - 400 MHz
logo
M/A-COM Technology Solu...
DS-117 MA-COM-DS-117 Datasheet
76Kb / 3P
Three-Way Power Divider, 1 - 300 MHz
MTH-50 MA-COM-MTH-50 Datasheet
56Kb / 2P
Two-Way Power Dividers, 1 - 100 MHz and 40 - 400 MHz
THV-50 MA-COM-THV-50 Datasheet
69Kb / 2P
Two-Way Power Dividers, 2 - 200 MHz and 20 - 400 MHz
M3H-50 MA-COM-M3H-50 Datasheet
66Kb / 2P
Three-Way Power Dividers
M3V-50 MA-COM-M3V-50 Datasheet
66Kb / 2P
Three-Way Power Dividers
M3V-50 MA-COM-M3V-50_15 Datasheet
66Kb / 2P
Three-Way Power Dividers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com