Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS-117 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

DS-117 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # DS-117
Download  DS-117 Download
File Size   76.01 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Three-Way Power Divider, 1 - 300 MHz

DS-117 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS-117 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # DS-117
Download  DS-117 Click to download

File Size   76.01 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Three-Way Power Divider, 1 - 300 MHz

DS-117 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.




Similar Part No. - DS-117

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
DS-117-308 MA-COM-DS-117-308 Datasheet
76Kb / 3P
Three-Way Power Divider
logo
Tyco Electronics
DS-117308 MACOM-DS-117308 Datasheet
110Kb / 2P
Three-Way Power Dividers 1 - 300 MHz
DS-117PIN MACOM-DS-117PIN Datasheet
110Kb / 2P
Three-Way Power Dividers 1 - 300 MHz
More results


Similar Description - DS-117

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS-117308 MACOM-DS-117308 Datasheet
110Kb / 2P
Three-Way Power Dividers 1 - 300 MHz
DS-310 MACOM-DS-310 Datasheet
128Kb / 1P
Flatpack Four-Way Power Divider 0.2 - 300 MHz
DS-328 MACOM-DS-328 Datasheet
123Kb / 1P
Three-Way Power Divider 3 - 700 MHz
M3H-50 MACOM-M3H-50 Datasheet
84Kb / 1P
Three-Way Power Dividers 1 - 100 MHz and 50 - 300 MHz
logo
M/A-COM Technology Solu...
DS-310 MA-COM-DS-310 Datasheet
64Kb / 2P
Flatpack Four-Way Power Divider, 0.2 - 300 MHz
DS-323 MA-COM-DS-323 Datasheet
62Kb / 2P
Flatpack Three-Way Power Divider, 25 - 1000 MHz
DS-328 MA-COM-DS-328 Datasheet
64Kb / 2P
Three-Way Power Divider, 3 - 700 MHz
M3H-50 MA-COM-M3H-50 Datasheet
66Kb / 2P
Three-Way Power Dividers, 1 - 100 MHz and 50 - 300 MHz
DS-117-308 MA-COM-DS-117-308 Datasheet
76Kb / 3P
Three-Way Power Divider
DS-328 MA-COM-DS-328 Datasheet
64Kb / 2P
Three-Way Power Divider
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com