Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS-328 Datasheet (PDF) - Tyco Electronics

DS-328 Datasheet PDF - Tyco Electronics
Part # DS-328
Download  DS-328 Download
File Size   123.65 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Three-Way Power Divider 3 - 700 MHz

DS-328 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS-328 Datasheet PDF - Tyco Electronics

Part # DS-328
Download  DS-328 Click to download

File Size   123.65 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Three-Way Power Divider 3 - 700 MHz

DS-328 Datasheet (HTML) - Tyco Electronics




Similar Part No. - DS-328

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
DS-328 MA-COM-DS-328 Datasheet
64Kb / 2P
Three-Way Power Divider, 3 - 700 MHz
DS-328 MA-COM-DS-328 Datasheet
64Kb / 2P
Three-Way Power Divider
DS-328PIN MA-COM-DS-328PIN Datasheet
64Kb / 2P
Three-Way Power Divider, 3 - 700 MHz
More results


Similar Description - DS-328

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PD20-0010-S MACOM-PD20-0010-S Datasheet
22Kb / 1P
Three-Way In-Phase Power Divider 25 - 1000 MHz
logo
M/A-COM Technology Solu...
DS-117 MA-COM-DS-117 Datasheet
76Kb / 3P
Three-Way Power Divider, 1 - 300 MHz
DS-323 MA-COM-DS-323 Datasheet
62Kb / 2P
Flatpack Three-Way Power Divider, 25 - 1000 MHz
DS-328 MA-COM-DS-328 Datasheet
64Kb / 2P
Three-Way Power Divider, 3 - 700 MHz
logo
American Accurate Compo...
JXWBGF-T-3-10-500 AAC-JXWBGF-T-3-10-500 Datasheet
59Kb / 1P
3-Way Power Divider
logo
M/A-COM Technology Solu...
DS-117-308 MA-COM-DS-117-308 Datasheet
76Kb / 3P
Three-Way Power Divider
DS-323 MA-COM-DS-323 Datasheet
62Kb / 2P
Flatpack Three-Way Power Divider
DS-328 MA-COM-DS-328 Datasheet
64Kb / 2P
Three-Way Power Divider
logo
SYNERGY MICROWAVE CORPO...
DCK-3-7S SYNERGY-DCK-3-7S Datasheet
403Kb / 3P
3-WAY POWER DIVIDER
logo
M/A-COM Technology Solu...
MAPD-008812-0003HW MA-COM-MAPD-008812-0003HW_15 Datasheet
383Kb / 4P
3-Way Power Divider
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com