Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD20-0010-S Datasheet (PDF) - Tyco Electronics

PD20-0010-S Datasheet PDF - Tyco Electronics
Part # PD20-0010-S
Download  PD20-0010-S Download
File Size   22.6 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Three-Way In-Phase Power Divider 25 - 1000 MHz

PD20-0010-S Datasheet (PDF)

Go To PDF Page Download Datasheet
PD20-0010-S Datasheet PDF - Tyco Electronics

Part # PD20-0010-S
Download  PD20-0010-S Click to download

File Size   22.6 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Three-Way In-Phase Power Divider 25 - 1000 MHz

PD20-0010-S Datasheet (HTML) - Tyco Electronics




Similar Part No. - PD20-0010-S

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
PD20-1-1210 TRINAMIC-PD20-1-1210 Datasheet
1Mb / 24P
PD20-1-1210 Hardware Manual
2019-APR-03
logo
Turck, Inc.
PD20-UHF-CHN-R TURCK-PD20-UHF-CHN-R Datasheet
95Kb / 1P
Handheld with Lithium-Ion Battery
11/08/2023
PD20-UHF-EU-R TURCK-PD20-UHF-EU-R Datasheet
95Kb / 1P
Handheld with Lithium-Ion Battery
11/08/2023
PD20-UHF-NA-R TURCK-PD20-UHF-NA-R Datasheet
95Kb / 1P
Handheld with Lithium-Ion Battery
11/08/2023
More results


Similar Description - PD20-0010-S

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS-324 MACOM-DS-324 Datasheet
90Kb / 1P
Flatpack Four-Way Power Divider 25 - 1000 MHz
DS-328 MACOM-DS-328 Datasheet
123Kb / 1P
Three-Way Power Divider 3 - 700 MHz
DS-332 MACOM-DS-332 Datasheet
117Kb / 2P
Two-Way Power Divider 1000 - 2000 MHz
PD10-0042-S MACOM-PD10-0042-S Datasheet
16Kb / 1P
Two-Way In-Phase Power Divider 10-2000 MHz
T-1000 MACOM-T-1000 Datasheet
126Kb / 1P
Two-Way Power Divider 10 - 1000 MHz
logo
M/A-COM Technology Solu...
DS-117 MA-COM-DS-117 Datasheet
76Kb / 3P
Three-Way Power Divider, 1 - 300 MHz
DS-323 MA-COM-DS-323 Datasheet
62Kb / 2P
Flatpack Three-Way Power Divider, 25 - 1000 MHz
DS-324 MA-COM-DS-324 Datasheet
63Kb / 2P
Flatpack Four-Way Power Divider, 25 - 1000 MHz
DS-328 MA-COM-DS-328 Datasheet
64Kb / 2P
Three-Way Power Divider, 3 - 700 MHz
T-1000 MA-COM-T-1000 Datasheet
63Kb / 2P
Two-Way Power Divider, 10 - 1000 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com