Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD20-UHF-CHN-R Datasheet (PDF) - Turck, Inc.

PD20-UHF-CHN-R Datasheet PDF - Turck, Inc.
Part # PD20-UHF-CHN-R
Download  PD20-UHF-CHN-R Download
File Size   95.51 Kbytes
Page   1 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Handheld with Lithium-Ion Battery

PD20-UHF-CHN-R Datasheet (PDF)

Go To PDF Page Download Datasheet
PD20-UHF-CHN-R Datasheet PDF - Turck, Inc.

Part # PD20-UHF-CHN-R
Download  PD20-UHF-CHN-R Click to download

File Size   95.51 Kbytes
Page   1 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Handheld with Lithium-Ion Battery

PD20-UHF-CHN-R Datasheet (HTML) - Turck, Inc.


PD20-UHF-CHN-R Product details

Features
■Mobile reading and writing of RFID tags
■Approved for use in China
■Handheld with UHF antenna
■Connection to the host device via 3.5 mm
jack plug
■Incl. TURCK RFID app (iOS, Android) for
reading and writing of data carriers
■Custom app on request
■WLAN and mobile interface via connected
host device
■Permanent lithium-ion 1800 mAh battery,
approx. 2 hours’ active scanning
■Incl. Micro-B USB cable and power supply
■Protection class IP20
■Withstands multiple drops on smooth
concrete from 1.5 m height




Similar Part No. - PD20-UHF-CHN-R

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
PD20-UHF-EU-R TURCK-PD20-UHF-EU-R Datasheet
95Kb / 1P
Handheld with Lithium-Ion Battery
11/08/2023
PD20-UHF-NA-R TURCK-PD20-UHF-NA-R Datasheet
95Kb / 1P
Handheld with Lithium-Ion Battery
11/08/2023
More results


Similar Description - PD20-UHF-CHN-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3911 TI-UCC3911 Datasheet
257Kb / 12P
Lithium-Ion Battery Protector
logo
Analog Devices
ADP3820 AD-ADP3820 Datasheet
112Kb / 8P
Lithium-Ion Battery Charger
REV.A
logo
Microchip Technology
TC3827 MICROCHIP-TC3827 Datasheet
142Kb / 10P
Lithium-Ion Battery Charger
2001
logo
Toshiba Semiconductor
TPCS8210 TOSHIBA-TPCS8210_07 Datasheet
197Kb / 7P
Lithium Ion Battery Applications
TPCS8212 TOSHIBA-TPCS8212_07 Datasheet
190Kb / 7P
Lithium Ion Battery Applications
TPCS8213 TOSHIBA-TPCS8213 Datasheet
208Kb / 7P
Lithium Ion Battery Applications
logo
Harris Corporation
RF-5853 HARRIS-RF-5853 Datasheet
428Kb / 2P
LITHIUM ION BATTERY CHARGER FOR HANDHELD BATTERIES
logo
Transcend Information. ...
TS-BL22MA TRANSCEND-TS-BL22MA Datasheet
203Kb / 3P
2200mAh Lithium Ion Battery
logo
Pepperl+Fuchs Inc.
IQZ-HH27-BAT1 PF-IQZ-HH27-BAT1 Datasheet
497Kb / 1P
Lithium ion battery
logo
Samsung semiconductor
INR18650-29E SAMSUNG-INR18650-29E Datasheet
267Kb / 18P
Lithium-ion Battery
1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com