Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC3827 Datasheet (PDF) - Microchip Technology

TC3827 Datasheet PDF - Microchip Technology
Part # TC3827
Download  TC3827 Download
File Size   142.96 Kbytes
Page   10 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Lithium-Ion Battery Charger

TC3827 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC3827 Datasheet PDF - Microchip Technology

Part # TC3827
Download  TC3827 Click to download

File Size   142.96 Kbytes
Page   10 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Lithium-Ion Battery Charger

TC3827 Datasheet (HTML) - Microchip Technology


TC3827 Product details

GENERAL DESCRIPTION

The TC3827 is a battery charger controller for a single cell Li-Ion battery. Using an external PMOS transistor, safe and fast charging of a single Li-Ion cell is accomplished.

Features include over-current foldback, charge current monitor, and charge status LED indicator output. An overall system accuracy of 1% ensures that the cell capacity is fully utilized without cycle life degradation. An external resistor sets charge current.

The TC3827 operates with an input voltage range from 4.5V to 5.5V. It is specified over the ambient operating temperature range of –20°C to +85°C and is available in a space-saving 8-Pin MSOP.



FEATURES

■ Low Power Dissipation

■ Shutdown Current: 1µA (Typical)

■ Space-Saving 8-Pin MSOP Package

■ No Inductor Required

■ 1% Overall System Accuracy

■ Charge Current Monitor Output

■ Charge Status Indicator Output

■ Foldback Current Limiting

■ –20°C to +85°C Ambient Operating Temperature Range



TYPICAL APPLICATIONS

■ PDAs

■ Cradle Chargers

■ Li-Ion Battery Chargers

■ Desktop Computers

■ Hand-Held Instruments

■ Cellular Telephones

■ Battery Operated Devices

■ Self-Charging Battery Packs



 




Similar Part No. - TC3827

ManufacturerPart #DatasheetDescription
logo
auris-GmbH
TC38 AURIS-TC38 Datasheet
285Kb / 1P
Quartz THT
logo
France Joint
TC380X420X20 FRANCEJOINT-TC380X420X20 Datasheet
546Kb / 28P
STANDARD SHAFT SEALS
logo
SHENZHEN FUMAN ELECTRON...
TC3842 FUMAN-TC3842 Datasheet
275Kb / 6P
PWM controller IC
logo
Transcom, Inc.
TC3843 TRANSCOM-TC3843 Datasheet
231Kb / 3P
870~925 MHz Single-Bias GaAs Low Noise Amplifier
TC3843A TRANSCOM-TC3843A Datasheet
99Kb / 3P
1710~1785 MHz Single-Bias GaAs Low Noise Amplifier
More results


Similar Description - TC3827

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3620 NSC-LM3620 Datasheet
139Kb / 6P
Lithium-Ion Battery Charger Controller
logo
Analog Devices
ADP3820 AD-ADP3820 Datasheet
112Kb / 8P
Lithium-Ion Battery Charger
REV.A
logo
Richtek Technology Corp...
RT9161B RICHTEK-RT9161B Datasheet
161Kb / 6P
Simple Lithium-Ion Battery Charger
logo
Advanced Analogic Techn...
AAT3685 ANALOGICTECH-AAT3685_08 Datasheet
388Kb / 21P
Lithium-Ion/Polymer Battery Charger
logo
Analog Devices
ADP3820 AD-ADP3820_15 Datasheet
635Kb / 8P
Lithium-Ion Battery Charger
REV. A
logo
Texas Instruments
LM3622 TI1-LM3622 Datasheet
892Kb / 15P
Lithium-Ion Battery Charger Controller
logo
Shanghai awinic technol...
AW3210A AWINIC-AW3210A Datasheet
1Mb / 12P
Lithium ion battery charger
logo
Dongguan Pingjingsemi T...
PJ4054B PJSEMI-PJ4054B Datasheet
3Mb / 6P
Linear Lithium-ion Battery Charger
PJ4057 PJSEMI-PJ4057 Datasheet
3Mb / 5P
Linear Lithium-ion Battery Charger
logo
Microchip Technology
MIC79050 MICROCHIP-MIC79050 Datasheet
2Mb / 28P
Simple Lithium-Ion Battery Charger
Rev.B.January 2022
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com