Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3820 Datasheet (PDF) - Analog Devices

ADP3820 Datasheet PDF - Analog Devices
Part # ADP3820
Download  ADP3820 Download
File Size   112.12 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Lithium-Ion Battery Charger

ADP3820 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP3820 Datasheet PDF - Analog Devices

Part # ADP3820
Download  ADP3820 Click to download

File Size   112.12 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Lithium-Ion Battery Charger

ADP3820 Datasheet (HTML) - Analog Devices


ADP3820 Product details

GENERAL DESCRIPTION
The ADP3820 is a precision single cell Li-Ion battery charge controller that can be used with an external Power PMOS device to form a two-chip, low cost, low dropout linear battery charger. It is available in two voltage options to accommodate Li-Ion batteries with coke or graphite anodes. The ADP3820’s high accuracy (±1%) low shutdown current (1 µA) and easy charge current programming make this device especially attractive as a battery charge controller.
   
FEATURES
    ±1% Total Accuracy
    630 μA Typical Quiescent Current
    Shutdown Current: 1 μA (Typical)
    Stable with 10 μF Load Capacitor
    4.5 V to 15 V Input Operating Range
    Integrated Reverse Leakage Protection
    6-Lead SOT-23-6 and 8-Lead SO-8 Packages
    Programmable Charge Current
    –20°C to +85°C Ambient Temperature Range
    Internal Gate-to-Source Protective Clamp
   
APPLICATIONS
    Li-Ion Battery Chargers
    Desktop Computers
    Hand-Held Instruments
    Cellular Telephones
    Battery Operated Devices
   




Similar Part No. - ADP3820

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3820 AD-ADP3820_15 Datasheet
635Kb / 8P
Lithium-Ion Battery Charger
REV. A
More results


Similar Description - ADP3820

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3620 NSC-LM3620 Datasheet
139Kb / 6P
Lithium-Ion Battery Charger Controller
logo
Microchip Technology
TC3827 MICROCHIP-TC3827 Datasheet
142Kb / 10P
Lithium-Ion Battery Charger
2001
logo
Richtek Technology Corp...
RT9161B RICHTEK-RT9161B Datasheet
161Kb / 6P
Simple Lithium-Ion Battery Charger
logo
Advanced Analogic Techn...
AAT3685 ANALOGICTECH-AAT3685_08 Datasheet
388Kb / 21P
Lithium-Ion/Polymer Battery Charger
logo
Analog Devices
ADP3820 AD-ADP3820_15 Datasheet
635Kb / 8P
Lithium-Ion Battery Charger
REV. A
logo
Texas Instruments
LM3622 TI1-LM3622 Datasheet
892Kb / 15P
Lithium-Ion Battery Charger Controller
logo
Shanghai awinic technol...
AW3210A AWINIC-AW3210A Datasheet
1Mb / 12P
Lithium ion battery charger
logo
Dongguan Pingjingsemi T...
PJ4054B PJSEMI-PJ4054B Datasheet
3Mb / 6P
Linear Lithium-ion Battery Charger
PJ4057 PJSEMI-PJ4057 Datasheet
3Mb / 5P
Linear Lithium-ion Battery Charger
logo
Microchip Technology
MIC79050 MICROCHIP-MIC79050 Datasheet
2Mb / 28P
Simple Lithium-Ion Battery Charger
Rev.B.January 2022
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com