Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC3827 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC3827
Description  Lithium-Ion Battery Charger
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC3827 Datasheet(HTML) 1 Page - Microchip Technology

  TC3827 Datasheet HTML 1Page - Microchip Technology TC3827 Datasheet HTML 2Page - Microchip Technology TC3827 Datasheet HTML 3Page - Microchip Technology TC3827 Datasheet HTML 4Page - Microchip Technology TC3827 Datasheet HTML 5Page - Microchip Technology TC3827 Datasheet HTML 6Page - Microchip Technology TC3827 Datasheet HTML 7Page - Microchip Technology TC3827 Datasheet HTML 8Page - Microchip Technology TC3827 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TC3827
TC3827-2 12/12/00
© 2001 Microchip Technology Inc.
DS21558A
Lithium-Ion Battery Charger
FEATURES
s Low Power Dissipation
s Shutdown Current: 1
µA (Typical)
s Space-Saving 8-Pin MSOP Package
s No Inductor Required
s 1% Overall System Accuracy
s Charge Current Monitor Output
s Charge Status Indicator Output
s Foldback Current Limiting
s –20
°C to +85°C Ambient Operating
Temperature Range
TYPICAL APPLICATIONS
s PDAs
s Cradle Chargers
s Li-Ion Battery Chargers
s Desktop Computers
s Hand-Held Instruments
s Cellular Telephones
s Battery Operated Devices
s Self-Charging Battery Packs
GENERAL DESCRIPTION
The TC3827 is a battery charger controller for a single
cell Li-Ion battery. Using an external PMOS transistor, safe
and fast charging of a single Li-Ion cell is accomplished.
Features include over-current foldback, charge current
monitor, and charge status LED indicator output. An overall
system accuracy of 1% ensures that the cell capacity is fully
utilized without cycle life degradation. An external resistor
sets charge current.
The TC3827 operates with an input voltage range from
4.5V to 5.5V. It is specified over the ambient operating
temperature range of –20
°C to +85°C and is available in a
space-saving 8-Pin MSOP.
ORDERING INFORMATION
Temperature
Part No.
Package
Range
TC3827-4.1VUA
8-Pin MSOP
–20
°C to +85°C
TC3827-4.2VUA
8-Pin MSOP
–20
°C to +85°C
8-Pin MSOP
PIN CONFIGURATION
GND
VDRV
VSNS
VIN
MODE
IMON
VOUT
SHDN 1
2
3
4
8
7
6
5
TC3827
RSENSE
NDP6020P
PMOS
+5 V
IN
V
SNS
V
DRV
GND
V
IN
V
OUT
SHDN
IMON
MODE
LED
10
µF
Controller
TC3827
Li-Ion
22
µF
+
–
SHDN
MODE
IMON
FUNCTIONAL BLOCK DIAGRAM
TYPICAL APPLICATION CIRCUIT
E/A
SHDN
VOUT
GND
V
VIN
VSNS
VREF
+
–
E/A
+
–
C/A
+
–
CONTROL
BLOCK
K
IMON
MODE
TC3827
DRV
Figure 1. TC3827 Typical Application Circuit


Similar Part No. - TC3827

ManufacturerPart #DatasheetDescription
logo
auris-GmbH
TC38 AURIS-TC38 Datasheet
285Kb / 1P
Quartz THT
logo
France Joint
TC380X420X20 FRANCEJOINT-TC380X420X20 Datasheet
546Kb / 28P
STANDARD SHAFT SEALS
logo
SHENZHEN FUMAN ELECTRON...
TC3842 FUMAN-TC3842 Datasheet
275Kb / 6P
PWM controller IC
logo
Transcom, Inc.
TC3843 TRANSCOM-TC3843 Datasheet
231Kb / 3P
870~925 MHz Single-Bias GaAs Low Noise Amplifier
TC3843A TRANSCOM-TC3843A Datasheet
99Kb / 3P
1710~1785 MHz Single-Bias GaAs Low Noise Amplifier
More results

Similar Description - TC3827

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3620 NSC-LM3620 Datasheet
139Kb / 6P
Lithium-Ion Battery Charger Controller
logo
Analog Devices
ADP3820 AD-ADP3820 Datasheet
112Kb / 8P
Lithium-Ion Battery Charger
REV.A
logo
Richtek Technology Corp...
RT9161B RICHTEK-RT9161B Datasheet
161Kb / 6P
Simple Lithium-Ion Battery Charger
logo
Advanced Analogic Techn...
AAT3685 ANALOGICTECH-AAT3685_08 Datasheet
388Kb / 21P
Lithium-Ion/Polymer Battery Charger
logo
Analog Devices
ADP3820 AD-ADP3820_15 Datasheet
635Kb / 8P
Lithium-Ion Battery Charger
REV. A
logo
Texas Instruments
LM3622 TI1-LM3622 Datasheet
892Kb / 15P
Lithium-Ion Battery Charger Controller
logo
Shanghai awinic technol...
AW3210A AWINIC-AW3210A Datasheet
1Mb / 12P
Lithium ion battery charger
logo
Dongguan Pingjingsemi T...
PJ4054B PJSEMI-PJ4054B Datasheet
3Mb / 6P
Linear Lithium-ion Battery Charger
PJ4057 PJSEMI-PJ4057 Datasheet
3Mb / 5P
Linear Lithium-ion Battery Charger
logo
Microchip Technology
MIC79050 MICROCHIP-MIC79050 Datasheet
2Mb / 28P
Simple Lithium-Ion Battery Charger
Rev.B.January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com