Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC3827 Datasheet(PDF) 5 Page - Microchip Technology

Part # TC3827
Description  Lithium-Ion Battery Charger
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC3827 Datasheet(HTML) 5 Page - Microchip Technology

  TC3827 Datasheet HTML 1Page - Microchip Technology TC3827 Datasheet HTML 2Page - Microchip Technology TC3827 Datasheet HTML 3Page - Microchip Technology TC3827 Datasheet HTML 4Page - Microchip Technology TC3827 Datasheet HTML 5Page - Microchip Technology TC3827 Datasheet HTML 6Page - Microchip Technology TC3827 Datasheet HTML 7Page - Microchip Technology TC3827 Datasheet HTML 8Page - Microchip Technology TC3827 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Lithium-Ion Battery Charger
TC3827
TC3827-2 12/12/00
© 2001 Microchip Technology Inc.
DS21558A
control loop changes from current limiting to voltage regula-
tion. If an external micro-controller determines battery con-
ditions are unsafe for charge it can toggle the shutdown pin
low and interrupt the charge cycle. Otherwise, once the pre-
determined cell voltage is reached the TC3827 shifts into a
constant-voltage mode (linear regulation) and a variable
charge current is applied as required to maintain the battery
cell voltage to within 1% accuracy of the cell voltage set-
point.
IMON – Charge Current Status
The IMON pin provides an output voltage that is propor-
tional to the battery charging current . It is an amplified
version of the sense resistor voltage drop that the current
loop uses to control the PMOS device. This voltage signal
can be applied to the input of an A/D Converter and used by
a controller to display information about the state of the
battery or charge current profile.
MODE – Charge Mode Status LED
The MODE pin indicates the battery charging mode. An
LED can be connected to the MODE for a visible indicator.
Alternatively, a pull-up resistor (typically 100k
Ω) from the
interfacing logic supply to MODE provides a logic-level
output. The MODE pin will toggle LOW and the LED will
illuminate when the charger is in the current limited mode.
The MODE pin toggles to a high impedance state and the
LED will be off during constant-voltage mode charging or if
the battery is not connected. The MODE pin toggles at a
VOUT of VREG, typically.
APPLICATION CIRCUIT DESIGN
Due to the low efficiency of Linear Regulator Charging,
the most important factors are thermal design and cost,
which is a direct function of the input voltage, output current
and thermal impedance between the PMOS and the ambi-
ent cooling air. The worst-case situation is when the battery
is shorted since the PMOS has to dissipate the maximum
power. A tradeoff must be made between the charge cur-
rent, cost and thermal requirements of the charger. Higher
current requires a larger PMOS with more effective heat
dissipation leading to a more expensive design. Lowering
the charge current reduces cost by lowering the size of the
PMOS, possibly allowing a smaller package such as 6-Pin
SOT. The following designs consider both options.
Higher Current Option
The current sense resistor for the circuit shown in
Figure 1 is calculated by:
RSENSE = VCS /IMAX .
Where VCS is the current limit threshold voltage of
40mV to 75mV, 50mV typical. If IMAX = 1A is desired,
RSENSE = 50mΩ.
Pre-regulated Input Voltage (5V
± 0%)
For this application, the required
θJA thermal imped-
ance is calculated as follows:
if:
the PMOS data sheet allows a max
junction temperature of TJMAX = 150°C,
then:
at 50
°C ambient with convection
cooling, the maximum allowed
junction temperature rise is:
TJMAX – TAMAX = 150°C – 50°C = 100°C.
θJA = ∆T/(IOx k x VIN) = 100/(1 x 0.46 x 5.5)
= 39.5
°C/W
This k factor is: k = ISC/IMAX ≈ 0.46.
This thermal impedance can be realized using the
transistor shown in Figure 1 when mouted to a heat sink.
The
θSA or thermal impedance of a suitable heatsink is
calculated below:
θSA ≤ (θJA – θJC – θCS) = 39.5 – 2.5 – 0.3 = 36.7°C/W
Where the
θJC, or junction-to-case thermal impedance
is for the PMOS from the PMOS data sheet. A low cost
heatsink is Thermalloy type PF430, with a
θSA = +25.3°C/W.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com