Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS-324 Datasheet (PDF) - Tyco Electronics

DS-324 Datasheet PDF - Tyco Electronics
Part # DS-324
Download  DS-324 Download
File Size   90.52 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Flatpack Four-Way Power Divider 25 - 1000 MHz

DS-324 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS-324 Datasheet PDF - Tyco Electronics

Part # DS-324
Download  DS-324 Click to download

File Size   90.52 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Flatpack Four-Way Power Divider 25 - 1000 MHz

DS-324 Datasheet (HTML) - Tyco Electronics




Similar Part No. - DS-324

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
DS-324 MA-COM-DS-324 Datasheet
63Kb / 2P
Flatpack Four-Way Power Divider, 25 - 1000 MHz
DS-324 MA-COM-DS-324 Datasheet
155Kb / 2P
Flatpack Four-Way Power Divider
DS-324PIN MA-COM-DS-324PIN Datasheet
63Kb / 2P
Flatpack Four-Way Power Divider, 25 - 1000 MHz
More results


Similar Description - DS-324

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS-310 MACOM-DS-310 Datasheet
128Kb / 1P
Flatpack Four-Way Power Divider 0.2 - 300 MHz
DS-327 MACOM-DS-327 Datasheet
88Kb / 1P
Flatpack Two-Way Power Divider 5 - 1000 MHz
PD20-0010-S MACOM-PD20-0010-S Datasheet
22Kb / 1P
Three-Way In-Phase Power Divider 25 - 1000 MHz
logo
M/A-COM Technology Solu...
DS-310 MA-COM-DS-310 Datasheet
64Kb / 2P
Flatpack Four-Way Power Divider, 0.2 - 300 MHz
DS-323 MA-COM-DS-323 Datasheet
62Kb / 2P
Flatpack Three-Way Power Divider, 25 - 1000 MHz
DS-324 MA-COM-DS-324 Datasheet
63Kb / 2P
Flatpack Four-Way Power Divider, 25 - 1000 MHz
DS-327 MA-COM-DS-327 Datasheet
49Kb / 2P
Flatpack Two-Way Power Divider, 5 - 1000 MHz
DS-310 MA-COM-DS-310 Datasheet
64Kb / 2P
Flatpack Four-Way Power Divider
DS-323 MA-COM-DS-323 Datasheet
62Kb / 2P
Flatpack Three-Way Power Divider
DS-324 MA-COM-DS-324 Datasheet
155Kb / 2P
Flatpack Four-Way Power Divider
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com