Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF0400BA02520S Datasheet (PDF) - Integrated Circuit Systems

SF0400BA02520S Datasheet PDF - Integrated Circuit Systems
Part # SF0400BA02520S
Download  SF0400BA02520S Download
File Size   95.44 Kbytes
Page   2 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description 400 MHz IF SAW Filter 160 KHz Bandwidth

SF0400BA02520S Datasheet (PDF)

Go To PDF Page Download Datasheet
SF0400BA02520S Datasheet PDF - Integrated Circuit Systems

Part # SF0400BA02520S
Download  SF0400BA02520S Click to download

File Size   95.44 Kbytes
Page   2 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description 400 MHz IF SAW Filter 160 KHz Bandwidth

SF0400BA02520S Datasheet (HTML) - Integrated Circuit Systems




Similar Part No. - SF0400BA02520S

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
SF0400BA02520S SPECTRUM-SF0400BA02520S Datasheet
204Kb / 4P
400 MHz SAW Filter 300 KHz bandwidth
logo
API Technologies Corp
SF0400BA02520S APITECH-SF0400BA02520S Datasheet
204Kb / 4P
400 MHz SAW Filter 300 KHz bandwidth
More results


Similar Description - SF0400BA02520S

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0160BA02299S APITECH-SF0160BA02299S Datasheet
167Kb / 3P
160 MHz SAW Filter 9.5 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF0400BA02520S SPECTRUM-SF0400BA02520S Datasheet
204Kb / 4P
400 MHz SAW Filter 300 KHz bandwidth
logo
API Technologies Corp
SF0400BA02520S APITECH-SF0400BA02520S Datasheet
204Kb / 4P
400 MHz SAW Filter 300 KHz bandwidth
logo
Oscilent Corporation
807-SL133.2M-02A OSCILENT-807-SL133.2M-02A Datasheet
181Kb / 5P
133.2 MHz IF SAW Filter 430 KHz Bandwidth
821-SL20.0M-02A OSCILENT-821-SL20.0M-02A Datasheet
248Kb / 8P
20.0 MHz IF SAW Filter 241 kHz Bandwidth
logo
Transko Electronics, In...
TL071001AV1 TRANSKO-TL071001AV1 Datasheet
611Kb / 4P
71.00 MHz IF SAW Filter / 95.00 kHz Bandwidth
Revision 0: 08 Nov. 2011
TL071001BV1 TRANSKO-TL071001BV1 Datasheet
603Kb / 4P
71.00 MHz IF SAW Filter / 61.00 kHz Bandwidth
Revision 0: 29 Nov. 2011
TL071003AV1 TRANSKO-TL071003AV1 Datasheet
634Kb / 4P
71.00 MHz IF SAW Filter / 390.00 kHz Bandwidth
Revision 0: 20 Sep. 2010
TL071014AV1 TRANSKO-TL071014AV1 Datasheet
624Kb / 4P
71.00 MHz IF SAW Filter / 135.00 kHz Bandwidth
Revision 0: 13 Oct. 2011
TL133002AS TRANSKO-TL133002AS Datasheet
436Kb / 3P
133.2 MHz IF SAW Filter / 430 kHz Bandwidth
Revision 1: 19 Mar. 2010
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com