Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF0160BA02299S Datasheet (PDF) - API Technologies Corp

SF0160BA02299S Datasheet PDF - API Technologies Corp
Part # SF0160BA02299S
Download  SF0160BA02299S Download
File Size   167.34 Kbytes
Page   3 Pages
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp
Description 160 MHz SAW Filter 9.5 MHz Bandwidth

SF0160BA02299S Datasheet (PDF)

Go To PDF Page Download Datasheet
SF0160BA02299S Datasheet PDF - API Technologies Corp

Part # SF0160BA02299S
Download  SF0160BA02299S Click to download

File Size   167.34 Kbytes
Page   3 Pages
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp
Description 160 MHz SAW Filter 9.5 MHz Bandwidth

SF0160BA02299S Datasheet (HTML) - API Technologies Corp




Similar Part No. - SF0160BA02299S

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0160BA02299S ICST-SF0160BA02299S Datasheet
203Kb / 2P
160 MHz Filter 9.5 MHz Bandwidth
Rev 4.0
More results


Similar Description - SF0160BA02299S

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF1111A RFM-SF1111A Datasheet
210Kb / 7P
160 MHz SAW Filter
logo
Integrated Circuit Syst...
SF0160BA02299S ICST-SF0160BA02299S Datasheet
203Kb / 2P
160 MHz Filter 9.5 MHz Bandwidth
Rev 4.0
SF0160CD02254T ICST-SF0160CD02254T Datasheet
93Kb / 2P
160 MHz SAW Bandpass Filter 4 MHz bandwidth
logo
API Technologies Corp
SF0160CD02254T APITECH-SF0160CD02254T Datasheet
136Kb / 3P
160 MHz SAW Filter 4 MHz Bandwidth
SF0160BA02497S APITECH-SF0160BA02497S Datasheet
82Kb / 3P
160 MHz SAW Filter 6.6 MHz Bandwidth
SF0160BA02329T APITECH-SF0160BA02329T Datasheet
145Kb / 4P
160 MHz SAW Filter Set 10 MHz Bandwidth
SF0160BA01961S APITECH-SF0160BA01961S Datasheet
180Kb / 3P
160 MHz SAW Filter 30 MHz Bandwidth
logo
Oscilent Corporation
813-SL147.0M-10B OSCILENT-813-SL147.0M-10B Datasheet
182Kb / 6P
147.0MHz IF SAW Filter 9.5 MHz Bandwidth
logo
Murata Manufacturing Co...
SF1111A MURATA-SF1111A Datasheet
87Kb / 4P
160 MHz SAW Filter
logo
Transko Electronics, In...
TL14710BV TRANSKO-TL14710BV Datasheet
658Kb / 4P
147.0 MHz IF SAW Filter / 9.5 MHz Bandwidth
Revision 0: 02 Jan. 2008
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com