Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF0160CD02254T Datasheet (PDF) - Integrated Circuit Systems

SF0160CD02254T Datasheet PDF - Integrated Circuit Systems
Part # SF0160CD02254T
Download  SF0160CD02254T Download
File Size   93.51 Kbytes
Page   2 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description 160 MHz SAW Bandpass Filter 4 MHz bandwidth

SF0160CD02254T Datasheet (PDF)

Go To PDF Page Download Datasheet
SF0160CD02254T Datasheet PDF - Integrated Circuit Systems

Part # SF0160CD02254T
Download  SF0160CD02254T Click to download

File Size   93.51 Kbytes
Page   2 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description 160 MHz SAW Bandpass Filter 4 MHz bandwidth

SF0160CD02254T Datasheet (HTML) - Integrated Circuit Systems




Similar Part No. - SF0160CD02254T

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0160CD02254T APITECH-SF0160CD02254T Datasheet
136Kb / 3P
160 MHz SAW Filter 4 MHz Bandwidth
More results


Similar Description - SF0160CD02254T

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
079890-514 APITECH-079890-514 Datasheet
838Kb / 3P
304 MHz SAW Bandpass Filter with 4 MHz bandwidth
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
SF0160CD02254T APITECH-SF0160CD02254T Datasheet
136Kb / 3P
160 MHz SAW Filter 4 MHz Bandwidth
SF0160BA02497S APITECH-SF0160BA02497S Datasheet
82Kb / 3P
160 MHz SAW Filter 6.6 MHz Bandwidth
SF0160BA02329T APITECH-SF0160BA02329T Datasheet
145Kb / 4P
160 MHz SAW Filter Set 10 MHz Bandwidth
SF0160BA02299S APITECH-SF0160BA02299S Datasheet
167Kb / 3P
160 MHz SAW Filter 9.5 MHz Bandwidth
SF0160BA01961S APITECH-SF0160BA01961S Datasheet
180Kb / 3P
160 MHz SAW Filter 30 MHz Bandwidth
logo
KR Electronics, Inc.
3046 KR-3046 Datasheet
76Kb / 3P
160 MHz Bandpass Filter
3162 KR-3162 Datasheet
105Kb / 3P
160 MHz Bandpass Filter
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com