Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAPSS0066 Datasheet (PDF) - Tyco Electronics

MAAPSS0066 Datasheet PDF - Tyco Electronics
Part # MAAPSS0066
Download  MAAPSS0066 Download
File Size   233.68 Kbytes
Page   5 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description WDCT Power Amplifier 2400 - 2500 MHz

MAAPSS0066 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAAPSS0066 Datasheet PDF - Tyco Electronics

Part # MAAPSS0066
Download  MAAPSS0066 Click to download

File Size   233.68 Kbytes
Page   5 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description WDCT Power Amplifier 2400 - 2500 MHz

MAAPSS0066 Datasheet (HTML) - Tyco Electronics


MAAPSS0066 Product details

Description
The MAAPSS0066 is a three stage power amplifier designed for Cordless Telephone applications. This power amplifier is packaged in a standard outline, lead-free 3 mm 12-lead PQFN plastic package. The MAAPSS0066 features an integrated bias controller that allows for micro amp shut down current.

Features
• Ideal for WDCT Applications
• Saturated Output Power: +25 dBm Typical
• Power Gain: 25 dB Typical
• Low Current: 400 mA at PSAT
• Micro-Amp Shutdown
• Operates from 1.5 V to 4.0 V
• Lead-Free 3 mm 12-Lead PQFN Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• RoHS* Compliant and 260°C Reflow Compatible




Similar Part No. - MAAPSS0066

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAPSS0066 MA-COM-MAAPSS0066 Datasheet
113Kb / 5P
WDCT Power Amplifier 2400 - 2500 MHz
MAAPSS0066SMB MA-COM-MAAPSS0066SMB Datasheet
113Kb / 5P
WDCT Power Amplifier 2400 - 2500 MHz
MAAPSS0066TR-3000 MA-COM-MAAPSS0066TR-3000 Datasheet
113Kb / 5P
WDCT Power Amplifier 2400 - 2500 MHz
More results


Similar Description - MAAPSS0066

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PM2107 ETC-PM2107 Datasheet
909Kb / 4P
RFIC POWER AMPLIFIER 2400 TO 2500 MHZ OPERATION
logo
M/A-COM Technology Solu...
MAAPSS0066 MA-COM-MAAPSS0066 Datasheet
113Kb / 5P
WDCT Power Amplifier 2400 - 2500 MHz
logo
Johanson Technology Inc...
2450CH15A0100 JOHANSON-2450CH15A0100 Datasheet
260Kb / 3P
Splitter, 3dB Hybrid; 2400 - 2500 MHz
logo
Pasternack Enterprises,...
PE51076 PASTERNACK-PE51076 Datasheet
266Kb / 1P
Rubber Duck Antenna 2400-2500 MHz, 3dBi
PE51077 PASTERNACK-PE51077 Datasheet
58Kb / 1P
Rubber Duck Antenna 2400-2500 MHz, 2dBi
logo
Anaren Microwave
XEC24E3-03G ANAREN-XEC24E3-03G Datasheet
2Mb / 18P
2400-2500 MHz
logo
WALSIN TECHNOLOGY CORPO...
SF11092450A04T WALSIN-SF11092450A04T Datasheet
732Kb / 8P
2400~2500 MHz Band Working Frequency
SF14112450A03T WALSIN-SF14112450A03T Datasheet
625Kb / 8P
2400~2500 MHz Band Working Frequency
logo
TE Connectivity Ltd
2108964-1 TEC-2108964-1 Datasheet
670Kb / 3P
2400-2500 MHz Single band or 2400-2500 & 4900-5875 MHz Dual Band Antenna
2195772-1 TEC-2195772-1 Datasheet
2Mb / 2P
2400-2500 MHz 5DBI ANTENNA
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com