Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAPSS0066 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MAAPSS0066 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MAAPSS0066
Download  MAAPSS0066 Download
File Size   113.16 Kbytes
Page   5 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description WDCT Power Amplifier 2400 - 2500 MHz

MAAPSS0066 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAAPSS0066 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MAAPSS0066
Download  MAAPSS0066 Click to download

File Size   113.16 Kbytes
Page   5 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description WDCT Power Amplifier 2400 - 2500 MHz

MAAPSS0066 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MAAPSS0066 Product details

Description
The MAAPSS0066 is a three stage power amplifier designed for Cordless Telephone applications. This power amplifier is packaged in a standard outline, lead-free 3 mm 12-lead PQFN plastic package. The MAAPSS0066 features an integrated bias controller that allows for micro amp shut down current.

Features
• Ideal for WDCT Applications
• Saturated Output Power: +25 dBm Typical
• Power Gain: 25 dB Typical
• Low Current: 400 mA at PSAT
• Micro-Amp Shutdown
• Operates from 1.5 V to 4.0 V
• VEN configurable for either 1.7 V or 2.5 V
• Lead-Free 3 mm 12-Lead PQFN Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• RoHS* Compliant and 260°C Reflow Compatible




Similar Part No. - MAAPSS0066

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPSS0066 MACOM-MAAPSS0066 Datasheet
233Kb / 5P
WDCT Power Amplifier 2400 - 2500 MHz
MAAPSS0066SMB MACOM-MAAPSS0066SMB Datasheet
233Kb / 5P
WDCT Power Amplifier 2400 - 2500 MHz
MAAPSS0066TR-3000 MACOM-MAAPSS0066TR-3000 Datasheet
233Kb / 5P
WDCT Power Amplifier 2400 - 2500 MHz
More results


Similar Description - MAAPSS0066

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PM2107 ETC-PM2107 Datasheet
909Kb / 4P
RFIC POWER AMPLIFIER 2400 TO 2500 MHZ OPERATION
logo
Tyco Electronics
MAAPSS0066 MACOM-MAAPSS0066 Datasheet
233Kb / 5P
WDCT Power Amplifier 2400 - 2500 MHz
logo
Johanson Technology Inc...
2450CH15A0100 JOHANSON-2450CH15A0100 Datasheet
260Kb / 3P
Splitter, 3dB Hybrid; 2400 - 2500 MHz
logo
Pasternack Enterprises,...
PE51076 PASTERNACK-PE51076 Datasheet
266Kb / 1P
Rubber Duck Antenna 2400-2500 MHz, 3dBi
PE51077 PASTERNACK-PE51077 Datasheet
58Kb / 1P
Rubber Duck Antenna 2400-2500 MHz, 2dBi
logo
Anaren Microwave
XEC24E3-03G ANAREN-XEC24E3-03G Datasheet
2Mb / 18P
2400-2500 MHz
logo
WALSIN TECHNOLOGY CORPO...
SF11092450A04T WALSIN-SF11092450A04T Datasheet
732Kb / 8P
2400~2500 MHz Band Working Frequency
SF14112450A03T WALSIN-SF14112450A03T Datasheet
625Kb / 8P
2400~2500 MHz Band Working Frequency
logo
TE Connectivity Ltd
2108964-1 TEC-2108964-1 Datasheet
670Kb / 3P
2400-2500 MHz Single band or 2400-2500 & 4900-5875 MHz Dual Band Antenna
2195772-1 TEC-2195772-1 Datasheet
2Mb / 2P
2400-2500 MHz 5DBI ANTENNA
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com