Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAPSS0066 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAAPSS0066
Description  WDCT Power Amplifier 2400 - 2500 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAPSS0066 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAAPSS0066 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAPSS0066 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAPSS0066 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAPSS0066 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAPSS0066 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
WDCT Power Amplifier
2400 - 2500 MHz
Rev. V3
MAAPSS0066
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications:
Frequency = 2450 MHz, PIN = -1 to 3 dBm, VCC = 2.4 V, VEN = 2.5 V, TA = 25 °C, Z0 = 50Ω
Operating the MAAPSS0066
The MAAPSS0066 can be damaged by electrostatic
discharge
(ESD).
Use
proper
ESD
control
techniques when handling this device. To operate
the MAAPSS0066, turn on VCC before VEN for power
on and turn off VCC after VEN for shutdown.
Parameter
Test Conditions
Units
Min.
Typ.
Max
Small Signal Gain
Pin = -20 dBm
dB
—
27
—
Output Power
—
dBm
23
25
—
Power Flatness
2.0 V < VCC < 3.0 V
dB
—
3
—
PAE
—
%
—
33
—
Current
—
mA
—
400
500
Current, Off
VEN = 0 V
µA
3
10
Pdiss
POUT = 25.0 dBm
W
—
0.6
—
Control Pins
VEN, Low
VEN, High
Current
V
V
mA
0
2.0
—
—
—
3
0.5
2.5
4.0
Harmonics
2f
3f
dBc
dBc
—
—
-54
-42
—
—
Forward Isolation
VEN = 0 V
dB
—
39
—
Duty Cycle
—
%
—
—
100
Stability
+1.5 V < VCC < +3.5 V, PIN = -1 to 3 dBm, VSWR < 6:1
-20°C < TC < +70ºC, RBW = 3 MHz max hold
All spurs < -60 dBc
Input Return Loss
—
dB
—
15
—
Lead-Free 3 mm 12-Lead PQFN
†
†
Reference Application Note M538 for lead-free solder reflow recommendations.
Meets JEDEC moisture sensitivity level 1 requirements.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com