Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAPSS0066 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAAPSS0066
Description  WDCT Power Amplifier 2400 - 2500 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAPSS0066 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAAPSS0066 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAPSS0066 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAPSS0066 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAPSS0066 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAPSS0066 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
WDCT Power Amplifier
2400 - 2500 MHz
Rev. V3
MAAPSS0066
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Ideal for WDCT Applications
• Saturated Output Power: +25 dBm Typical
• Power Gain: 25 dB Typical
• Low Current: 400 mA at P
SAT
• Micro-Amp Shutdown
• Operates from 1.5 V to 4.0 V
• V
EN configurable for either 1.7 V or 2.5 V
• Lead-Free 3 mm 12-Lead PQFN Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• RoHS* Compliant and 260°C Reflow Compatible
Description
The MAAPSS0066 is a three stage power amplifier
designed for Cordless Telephone applications. This
power amplifier is packaged in a standard outline,
lead-free 3 mm 12-lead PQFN plastic package. The
MAAPSS0066 features an integrated bias controller
that allows for micro amp shut down current.
Functional Schematic
Pin Configuration
Pin No.
Pin Name
Description
1
N/C
No Connection
2
RFIN
RF Input
3
VEN1
Power Enable
4
VEN2,3
Power Enable
5
N/C
No Connection
6
N/C
No Connection
7
RFOUT / VCC3
RF Output, 3rd Stage Supply
8
RFOUT / VCC3
RF Output, 3rd Stage Supply
9
RFOUT / VCC3
RF Output, 3rd Stage Supply
10
VCC2
2nd Stage Supply
11
N/C
No Connection
12
VCC1
1st Stage Supply
Pad
4
GND
RF & DC Ground
4. The exposed pad centered on the package bottom must be
connected to RF and DC ground.
RF OUT/
VCC3
VCC2
VCC1
RF IN
Ven1
Ven2, 3
N/C
N/C
N/C
RF OUT/
VCC3
RF OUT/
VCC3
N/C
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Absolute Maximum Ratings
2,3
Parameter
Absolute Maximum
Input Power
+ 5 dBm
Operating Supply Voltage
+4.0 Volts
Operating Control Voltage
+3.0 Volts
Operating Temperature
-20°C to +85°C
Channel Temperature
+150°C
Storage Temperature
-40°C to +150°C
2. Exceeding any one or combination of these limits may cause
permanent damage to this device.
3. M/A-COM does not recommend sustained operation near
these survivability limits.
Ordering Information
1
Part Number
Package
MAAPSS0066
Bulk Packaging
MAAPSS0066TR-3000
3000 piece reel
MAAPSS0066SMB
Sample Test Board
(Includes 5 Samples)
1. Reference Application Note M513 for reel size information.


Similar Part No. - MAAPSS0066

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPSS0066 MACOM-MAAPSS0066 Datasheet
233Kb / 5P
WDCT Power Amplifier 2400 - 2500 MHz
MAAPSS0066SMB MACOM-MAAPSS0066SMB Datasheet
233Kb / 5P
WDCT Power Amplifier 2400 - 2500 MHz
MAAPSS0066TR-3000 MACOM-MAAPSS0066TR-3000 Datasheet
233Kb / 5P
WDCT Power Amplifier 2400 - 2500 MHz
More results

Similar Description - MAAPSS0066

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PM2107 ETC-PM2107 Datasheet
909Kb / 4P
RFIC POWER AMPLIFIER 2400 TO 2500 MHZ OPERATION
logo
Tyco Electronics
MAAPSS0066 MACOM-MAAPSS0066 Datasheet
233Kb / 5P
WDCT Power Amplifier 2400 - 2500 MHz
logo
Johanson Technology Inc...
2450CH15A0100 JOHANSON-2450CH15A0100 Datasheet
260Kb / 3P
Splitter, 3dB Hybrid; 2400 - 2500 MHz
logo
Pasternack Enterprises,...
PE51076 PASTERNACK-PE51076 Datasheet
266Kb / 1P
Rubber Duck Antenna 2400-2500 MHz, 3dBi
PE51077 PASTERNACK-PE51077 Datasheet
58Kb / 1P
Rubber Duck Antenna 2400-2500 MHz, 2dBi
logo
Anaren Microwave
XEC24E3-03G ANAREN-XEC24E3-03G Datasheet
2Mb / 18P
2400-2500 MHz
logo
WALSIN TECHNOLOGY CORPO...
SF11092450A04T WALSIN-SF11092450A04T Datasheet
732Kb / 8P
2400~2500 MHz Band Working Frequency
SF14112450A03T WALSIN-SF14112450A03T Datasheet
625Kb / 8P
2400~2500 MHz Band Working Frequency
logo
TE Connectivity Ltd
2108964-1 TEC-2108964-1 Datasheet
670Kb / 3P
2400-2500 MHz Single band or 2400-2500 & 4900-5875 MHz Dual Band Antenna
2195772-1 TEC-2195772-1 Datasheet
2Mb / 2P
2400-2500 MHz 5DBI ANTENNA
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com