Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAPSS0066 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAAPSS0066
Description  WDCT Power Amplifier 2400 - 2500 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAPSS0066 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAAPSS0066 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAPSS0066 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAPSS0066 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAPSS0066 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAPSS0066 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
WDCT Power Amplifier
2400 - 2500 MHz
Rev. V3
MAAPSS0066
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Evaluation Board Schematic
MAAPSS0066 External Parts List
Transmission Line Dimensions, 0.20 mm thick FR4
Designator
Value
Footprint
Manufacturer
Part ID
C1, C3
2 pF
0402
Murata
GRM1555C1H2R0CZ01
C2
1 nF
0402
Murata
GRM1555R71H102KA01
C4, C5, C6
47 pF
0402
Murata
GRM1555C1H470JZ01
C7, C8, C9
1 µF
0402
Murata
GRM1555R60J105KE19
C10
4700 pF
0402
Murata
GRM155R71H472KA01D
C11
1 pF
0402
Murata
GRM36C0G010C50
L1
10 nH
0402
Coilcraft
0402CS-10NXJB
R1 (VEN = 2.5 V)
240 Ohm
0402
KOA
RK73B1ET241J
R1 (VEN = 1.7 V)
100 Ohm
0402
KOA
RK73B1ET101J
Designator
Length (mm) *
Width (mm)
T1
5.20
0.37
T2
1.00
0.37
T3
1.27
0.37
T4
3.20
0.37
* From package edge to center of component
Jumper
Jumper
Jumper
Jumper
C5
C7
C6
C8
L1
C3
T1
C1
R1
C2
RF IN
VCC (Typ. = 2.4 V)
RF
OUT
Ven
(Typ. = 2.5 V)
C4
T3
T2
T4
C11
C9
C10



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com