Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAPSS0071 Datasheet (PDF) - Tyco Electronics

MAAPSS0071 Datasheet PDF - Tyco Electronics
Part # MAAPSS0071
Download  MAAPSS0071 Download
File Size   237.67 Kbytes
Page   5 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description DECT Power Amplifier 1880 - 1930 MHz

MAAPSS0071 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAAPSS0071 Datasheet PDF - Tyco Electronics

Part # MAAPSS0071
Download  MAAPSS0071 Click to download

File Size   237.67 Kbytes
Page   5 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description DECT Power Amplifier 1880 - 1930 MHz

MAAPSS0071 Datasheet (HTML) - Tyco Electronics


MAAPSS0071 Product details

Description
The MAAPSS0071 is a three stage power amplifier designed for Cordless Telephone applications. This power amplifier is mounted in a standard outline, lead-free 3 mm 12-lead PQFN plastic package. The MAAPSS0071 features an integrated power enable control pin.

Features
• Ideal for DECT Applications
• Saturated Output Power: +26 dBm Typical
• Power Gain: 26 dB Typical
• Low Current: 400 mA at PSAT
• Ramp Power Control
• Micro-Amp Shutdown
• Operates from 1.5 V to 4.0 V
• Lead-Free 3 mm 12-Lead PQFN Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• RoHS* Compliant 260°C Reflow Compatible




Similar Part No. - MAAPSS0071

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAPSS0071 MA-COM-MAAPSS0071 Datasheet
114Kb / 5P
DECT Power Amplifier 1880 - 1930 MHz
MAAPSS0071 MA-COM-MAAPSS0071 Datasheet
114Kb / 5P
DECT Power Amplifier
MAAPSS0071SMB MA-COM-MAAPSS0071SMB Datasheet
114Kb / 5P
DECT Power Amplifier 1880 - 1930 MHz
MAAPSS0071TR-3000 MA-COM-MAAPSS0071TR-3000 Datasheet
114Kb / 5P
DECT Power Amplifier 1880 - 1930 MHz
MAAPSS0071 MA-COM-MAAPSS0071_15 Datasheet
114Kb / 5P
DECT Power Amplifier
More results


Similar Description - MAAPSS0071

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAM-007219 MACOM-MAAM-007219 Datasheet
199Kb / 4P
3.6 V, 450 mW DECT RF Power Amplifier IC 1880 - 1900 MHz
MAAPSS0076 MACOM-MAAPSS0076 Datasheet
238Kb / 6P
DECT Power Amplifier 1880 - 1930 MHz
MAAPSS0113 MACOM-MAAPSS0113 Datasheet
304Kb / 7P
DECT Power Amplifier 1880 - 1930 MHz
logo
Stealth Microwave, Inc.
SM1819-52LD STEALTH_MICROWAVE-SM1819-52LD Datasheet
150Kb / 3P
1805 - 1880 MHz 160 Watt Power Amplifier
SM1920-52LD STEALTH_MICROWAVE-SM1920-52LD Datasheet
150Kb / 3P
1930 - 1990 MHz 160 Watt Power Amplifier
logo
M/A-COM Technology Solu...
MAAPSS0071 MA-COM-MAAPSS0071 Datasheet
114Kb / 5P
DECT Power Amplifier 1880 - 1930 MHz
MAAPSS0076 MA-COM-MAAPSS0076 Datasheet
168Kb / 6P
DECT Power Amplifier 1880 - 1930 MHz
MAAP-000082 MA-COM-MAAP-000082 Datasheet
224Kb / 6P
PHS Power Amplifier 1880 - 1930 MHz
MAAPSS0071 MA-COM-MAAPSS0071 Datasheet
114Kb / 5P
DECT Power Amplifier
MAAPSS0071 MA-COM-MAAPSS0071_15 Datasheet
114Kb / 5P
DECT Power Amplifier
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com