Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAPSS0071 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MAAPSS0071
Description  DECT Power Amplifier 1880 - 1930 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAPSS0071 Datasheet(HTML) 2 Page - Tyco Electronics

  MAAPSS0071 Datasheet HTML 1Page - Tyco Electronics MAAPSS0071 Datasheet HTML 2Page - Tyco Electronics MAAPSS0071 Datasheet HTML 3Page - Tyco Electronics MAAPSS0071 Datasheet HTML 4Page - Tyco Electronics MAAPSS0071 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DECT Power Amplifier
1880 - 1930 MHz
MAAPSS0071
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
2
RoHS
Compliant
Electrical Specifications:
Frequency = 1905 MHz, PIN = -2 to 2 dBm, VCC = 2.4 V, VEN = 2.5 V, TA = 25 °C, Z0 = 50Ω
Operating the MAAPSS0071
The MAAPSS0071 can be damaged by electrostatic
discharge (ESD).
Use proper ESD control
techniques when handling this device. To operate
the MAAPSS0071, turn on the VCC before VEN for
power on and turn off VCC after VEN for shutdown.
Parameter
Test Conditions
Units
Min.
Typ.
Max
Input Return Loss
—
dB
—
15
—
Output Power
—
dBm
24
26
27
Power Flatness
2.0 < VCC < 3.0 V
dB
—
3
—
PAE
—
%
—
45
—
Current
—
mA
—
400
500
Current, Off
VEN = 0 V
µA
—
3
10
Pdiss
POUT = 26.0 dBm
W
—
0.5
—
Control Pins
VEN, Low
VEN, High
Current
V
V
mA
0
2.0
—
—
—
2.0
0.5
2.5
4.0
Harmonics
2f
3f
dBc
dBc
—
—
-35
-40
—
—
Forward Isolation
VEN = 0 V
dB
—
39
—
Duty Cycle
%
—
—
100
Turn on/off time
Ton: RF burst to NTP-1
Toff: NTP-1 to off
µS
µS
—
—
3
2
—
—
Stability
+1.5V < VCC < +3.5 V, PIN = -2 to 2 dBm, VSWR < 6:1
-20°C < TC < +70ºC, RBW = 3 MHz max hold
All spurs < -60 dBc
Lead-Free 3 mm 12-Lead PQFN†
†
Reference Application Note M538 for lead-free solder reflow recommendations.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com