Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MABACT0034 Datasheet (PDF) - Tyco Electronics

MABACT0034 Datasheet PDF - Tyco Electronics
Part # MABACT0034
Download  MABACT0034 Download
File Size   251.45 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 1:1 Tx Line Balun Transformer 4.5 - 3000 MHz

MABACT0034 Datasheet (PDF)

Go To PDF Page Download Datasheet
MABACT0034 Datasheet PDF - Tyco Electronics

Part # MABACT0034
Download  MABACT0034 Click to download

File Size   251.45 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 1:1 Tx Line Balun Transformer 4.5 - 3000 MHz

MABACT0034 Datasheet (HTML) - Tyco Electronics


MABACT0034 Product details

Description
M/A Com’s MABACT0034 is a 1:1 RF transmission line transformer in a low cost, surface mount package. Ideally suited for high volume CATV/Broadband applications.

Features
• Surface Mount
• 1:1 Impedance
• Available on Tape & Reel
• 75 Ω




Similar Part No. - MABACT0034

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABACT0034 MA-COM-MABACT0034 Datasheet
180Kb / 4P
Transformer, 1:1 Transmission Line Transformer
MABACT0034 MA-COM-MABACT0034 Datasheet
180Kb / 4P
Transformer, 1:1 Transmission Line Transformer
MABACT0034 MA-COM-MABACT0034_15 Datasheet
180Kb / 4P
Transformer, 1:1 Transmission Line Transformer
More results


Similar Description - MABACT0034

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABA-007159-000000 MACOM-MABA-007159-000000 Datasheet
162Kb / 2P
RF 1:1 Transmission Line Transformer 4.5 - 3000 MHz
MABA-007327-CT1A40 MACOM-MABA-007327-CT1A40 Datasheet
86Kb / 3P
1:1 Tx Line Balun Transformer 4.5-3000MHz
MABACT0010 MACOM-MABACT0010 Datasheet
246Kb / 2P
1:1 Transmission line Transformer 4.5 - 3000 MHz
MABA-007871-CT1A40 MACOM-MABA-007871-CT1A40 Datasheet
150Kb / 3P
Transformer 1:1 transmission line balun 5 to 3000 MHz
logo
M/A-COM Technology Solu...
MABACT0059 MA-COM-MABACT0059 Datasheet
101Kb / 3P
1:1 Transmission Line Transformer 4.5 to 3000 MHz
MABACT0010 MA-COM-MABACT0010 Datasheet
122Kb / 2P
1:1 Transmission line Transformer 4.5 - 3000 MHz
MABA-007159-000000 MA-COM-MABA-007159-000000 Datasheet
101Kb / 2P
RF 1:1 Transmission Line Transformer 4.5 - 3000 MHz
MABA-007327-CT1A40 MA-COM-MABA-007327-CT1A40 Datasheet
111Kb / 3P
1:1 Tx Line Balun Transformer 4.5 - 3000 MHz
MABA-007871-CT1A40 MA-COM-MABA-007871-CT1A40 Datasheet
129Kb / 3P
Transformer 1:1 transmission line balun 5 to 3000 MHz
MABA-008757-CT1160 MA-COM-MABA-008757-CT1160 Datasheet
102Kb / 3P
1:1 Transmission Line Transformer 4.5 to 3000 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com