Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MABACT0034 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MABACT0034 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MABACT0034
Download  MABACT0034 Download
File Size   180.69 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Transformer, 1:1 Transmission Line Transformer

MABACT0034 Datasheet (PDF)

Go To PDF Page Download Datasheet
MABACT0034 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MABACT0034
Download  MABACT0034 Click to download

File Size   180.69 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Transformer, 1:1 Transmission Line Transformer

MABACT0034 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MABACT0034 Product details

Description
M/A-Com Technology Solutions MABACT0034 is a 1:1 RF transmission line transformer in a low cost, surface mount package. Ideally suited for broadband CATV applications.

Features
• 1:1 Impedance ratio
• Surface mount
• Available on tape and reel
• 260°C reflow compatible
• Excellent temperature stability
• Excellent amplitude and phase balance
• Can be used in both 50Ω and 75Ω systems




Similar Part No. - MABACT0034

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABACT0034 MACOM-MABACT0034 Datasheet
251Kb / 3P
1:1 Tx Line Balun Transformer 4.5 - 3000 MHz
logo
M/A-COM Technology Solu...
MABACT0034 MA-COM-MABACT0034 Datasheet
180Kb / 4P
Transformer, 1:1 Transmission Line Transformer
MABACT0034 MA-COM-MABACT0034_15 Datasheet
180Kb / 4P
Transformer, 1:1 Transmission Line Transformer
More results


Similar Description - MABACT0034

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABA-007327-CT1A40_V2 MA-COM-MABA-007327-CT1A40_V2 Datasheet
180Kb / 4P
Transformer, 1:1 Transmission Line Transformer
MABACT0059_V4 MA-COM-MABACT0059_V4 Datasheet
123Kb / 4P
1:1 Transmission Line Transformer
MABA-007327-CT1A40 MA-COM-MABA-007327-CT1A40 Datasheet
180Kb / 4P
Transformer, 1:1 Transmission Line Transformer
MABAES0032 MA-COM-MABAES0032 Datasheet
114Kb / 3P
Transformer, 1:1 Transmission Line Transformer
MABACT0034 MA-COM-MABACT0034 Datasheet
180Kb / 4P
Transformer, 1:1 Transmission Line Transformer
MABA-009691-CT1881 MA-COM-MABA-009691-CT1881 Datasheet
95Kb / 3P
Transformer, 1:1 Transmission Line Transformer
MABA-007327-CT1A40 MA-COM-MABA-007327-CT1A40_15 Datasheet
180Kb / 4P
Transformer, 1:1 Transmission Line Transformer
MABAES0032 MA-COM-MABAES0032_15 Datasheet
114Kb / 3P
Transformer, 1:1 Transmission Line Transformer
MABACT0034 MA-COM-MABACT0034_15 Datasheet
180Kb / 4P
Transformer, 1:1 Transmission Line Transformer
MABA-009691-CT1881 MA-COM-MABA-009691-CT1881_15 Datasheet
95Kb / 3P
Transformer, 1:1 Transmission Line Transformer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com