Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MABACT0034 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MABACT0034
Description  Transformer, 1:1 Transmission Line Transformer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MABACT0034 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MABACT0034 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MABACT0034 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MABACT0034 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MABACT0034 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Transformer, 1:1 Transmission Line Transformer
4.5 to 3000 MHz
Rev. V3
MABACT0034
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
•
1:1 Impedance ratio
•
Surface mount
•
Available on tape and reel
•
260°C reflow compatible
•
Excellent temperature stability
•
Excellent amplitude and phase balance
•
Can be used in both 50Ω and 75Ω systems
Description
M/A-Com Technology Solutions MABACT0034 is a
1:1 RF transmission line transformer in a low cost,
surface mount package. Ideally suited for broadband
CATV applications.
Schematic
Pin Configuration
Component dimensions
Pin no.
Function
1
Secondary Dot
2
Not connected
3
Secondary
4
Primary
5
Primary Dot
Dimensions in inches [mm] Tolerance: .xx ± .02, .xxx ± .010,


Similar Part No. - MABACT0034

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABACT0034 MACOM-MABACT0034 Datasheet
251Kb / 3P
1:1 Tx Line Balun Transformer 4.5 - 3000 MHz
logo
M/A-COM Technology Solu...
MABACT0034 MA-COM-MABACT0034 Datasheet
180Kb / 4P
Transformer, 1:1 Transmission Line Transformer
MABACT0034 MA-COM-MABACT0034_15 Datasheet
180Kb / 4P
Transformer, 1:1 Transmission Line Transformer
More results

Similar Description - MABACT0034

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABA-007327-CT1A40_V2 MA-COM-MABA-007327-CT1A40_V2 Datasheet
180Kb / 4P
Transformer, 1:1 Transmission Line Transformer
MABACT0059_V4 MA-COM-MABACT0059_V4 Datasheet
123Kb / 4P
1:1 Transmission Line Transformer
MABA-007327-CT1A40 MA-COM-MABA-007327-CT1A40 Datasheet
180Kb / 4P
Transformer, 1:1 Transmission Line Transformer
MABAES0032 MA-COM-MABAES0032 Datasheet
114Kb / 3P
Transformer, 1:1 Transmission Line Transformer
MABACT0034 MA-COM-MABACT0034 Datasheet
180Kb / 4P
Transformer, 1:1 Transmission Line Transformer
MABA-009691-CT1881 MA-COM-MABA-009691-CT1881 Datasheet
95Kb / 3P
Transformer, 1:1 Transmission Line Transformer
MABA-007327-CT1A40 MA-COM-MABA-007327-CT1A40_15 Datasheet
180Kb / 4P
Transformer, 1:1 Transmission Line Transformer
MABAES0032 MA-COM-MABAES0032_15 Datasheet
114Kb / 3P
Transformer, 1:1 Transmission Line Transformer
MABACT0034 MA-COM-MABACT0034_15 Datasheet
180Kb / 4P
Transformer, 1:1 Transmission Line Transformer
MABA-009691-CT1881 MA-COM-MABA-009691-CT1881_15 Datasheet
95Kb / 3P
Transformer, 1:1 Transmission Line Transformer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com