Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1751202 Datasheet (PDF) - PHOENIX CONTACT

1751202 Datasheet PDF - PHOENIX CONTACT
Part # 1751202
Download  1751202 Download
File Size   444.69 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB terminal block - SPTA 1,5/ 6-5,08

1751202 Datasheet (PDF)

Go To PDF Page Download Datasheet
1751202 Datasheet PDF - PHOENIX CONTACT

Part # 1751202
Download  1751202 Click to download

File Size   444.69 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB terminal block - SPTA 1,5/ 6-5,08

1751202 Datasheet (HTML) - PHOENIX CONTACT


1751202 Product details

PCB terminal block, nominal current: 9 A, rated voltage (III/2): 320 V, nominal cross section: 1.5
mm2, number of potentials: 6, number of rows: 1, number of positions per row: 6, product range:
SPTA 1,5/, pitch: 5.08 mm, connection method: Push-in spring connection, mounting: Wave
soldering, conductor/PCB connection direction: 45 °, color: green, Pin layout: Linear pinning,
Solder pin [P]: 3.4 mm, number of solder pins per potential: 2, type of packaging: packed in
cardboard

Your advantages
• Time saving push-in connection, tools not required
• Defined contact force ensures that contact remains stable over the long term
• Intuitive use through colour coded actuation lever
• Angled connection enables multi-row arrangement on the PCB
• Quick and convenient testing using integrated test option
• Two solder pins reduce the mechanical strain on the soldering spots




Similar Part No. - 1751202

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1751206 PHOENIX-1751206 Datasheet
81Kb / 6P
PCB terminal block - SMKDS 1/13-3,5
More results


Similar Description - 1751202

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1744442 PHOENIX-1744442 Datasheet
102Kb / 5P
PCB terminal block - SPTA 1,5/ 3-5,08
1751163 PHOENIX-1751163 Datasheet
80Kb / 5P
PCB terminal block - SPTA 1,5/ 2-5,08
1751189 PHOENIX-1751189 Datasheet
80Kb / 5P
PCB terminal block - SPTA 1,5/ 4-5,08
1751215 PHOENIX-1751215 Datasheet
80Kb / 5P
PCB terminal block - SPTA 1,5/ 7-5,08
1751231 PHOENIX-1751231 Datasheet
80Kb / 5P
PCB terminal block - SPTA 1,5/ 9-5,08
1751244 PHOENIX-1751244 Datasheet
102Kb / 5P
PCB terminal block - SPTA 1,5/10-5,08
1751257 PHOENIX-1751257 Datasheet
80Kb / 5P
PCB terminal block - SPTA 1,5/11-5,08
1751464 PHOENIX-1751464 Datasheet
80Kb / 5P
PCB terminal block - SPTA 1,5/12-5,08
1751516 PHOENIX-1751516 Datasheet
457Kb / 11P
PCB terminal block - SPTA 1,5/ 6-3,81
Jan 3, 2023
1071206 PHOENIX-1071206 Datasheet
360Kb / 11P
SPTA-THR 1,5/ 6-5,08 R56 - PCB terminal block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com