Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GOVNF02 Datasheet (PDF) - Belden Inc.

GOVNF02 Datasheet PDF - Belden Inc.
Part # GOVNF02
Download  GOVNF02 Download
File Size   147.66 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Outdoor OFC CLT (jelly filled): GLASS YARNS(4500N) PE with 1 Tube of Ø3.3mm 2f SM OS2 G.657.A2.

GOVNF02 Datasheet (PDF)

Go To PDF Page Download Datasheet
GOVNF02 Datasheet PDF - Belden Inc.

Part # GOVNF02
Download  GOVNF02 Click to download

File Size   147.66 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Outdoor OFC CLT (jelly filled): GLASS YARNS(4500N) PE with 1 Tube of Ø3.3mm 2f SM OS2 G.657.A2.

GOVNF02 Datasheet (HTML) - Belden Inc.


GOVNF02 Product details

Product Description
Outdoor optical fiber Central Loose Tube (jelly filled tube) cable with glass yarns (improved rodent protection and high tensile strength) as strength member
and polyethylene outer jacket. Product feature: This cable has improved rodent protection by glass yarns. Existing out of 1 Tube with a diameter of 3.3mm with
2 fibers SM OS2 G.657.A2.




Similar Part No. - GOVNF02

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GOVNF04 BELDEN-GOVNF04 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(4500N) PE with 1 Tube of Ø3.3mm 4f SM OS2 G.657.A2.
2023 Belden, Inc
GOVNF06 BELDEN-GOVNF06 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(4500N) PE with 1 Tube of Ø3.3mm 6f SM OS2 G.657.A2.
2023 Belden, Inc
GOVNF08 BELDEN-GOVNF08 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(4500N) PE with 1 Tube of Ø3.3mm 8f SM OS2 G.657.A2.
2023 Belden, Inc
More results


Similar Description - GOVNF02

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GOCNF02 BELDEN-GOCNF02 Datasheet
148Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 2f SM OS2 G.657.A2.
2023 Belden, Inc
GODNF02 BELDEN-GODNF02 Datasheet
153Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE CST PE with 1 Tube of Ø3.3mm 2f SM OS2 G.657.A2.
2023 Belden, Inc
GOSNF02 BELDEN-GOSNF02 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(1500N) PE with 1 Tube of Ø3.3mm 2f SM OS2 G.657.A2.
2023 Belden, Inc
GOVNF04 BELDEN-GOVNF04 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(4500N) PE with 1 Tube of Ø3.3mm 4f SM OS2 G.657.A2.
2023 Belden, Inc
GOVNF06 BELDEN-GOVNF06 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(4500N) PE with 1 Tube of Ø3.3mm 6f SM OS2 G.657.A2.
2023 Belden, Inc
GOVNF08 BELDEN-GOVNF08 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(4500N) PE with 1 Tube of Ø3.3mm 8f SM OS2 G.657.A2.
2023 Belden, Inc
GOVNF12 BELDEN-GOVNF12 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(4500N) PE with 1 Tube of Ø3.3mm 12f SM OS2 G.657.A2.
2023 Belden, Inc
GOVNF16 BELDEN-GOVNF16 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(4500N) PE with 1 Tube of Ø3.3mm 16f SM OS2 G.657.A2.
2023 Belden, Inc
GOVNF24 BELDEN-GOVNF24 Datasheet
148Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(4500N) PE with 1 Tube of Ø3.3mm 24f SM OS2 G.657.A2.
2023 Belden, Inc
GOVNI02 BELDEN-GOVNI02 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(4500N) PE with 1 Tube of Ø3.3mm 2f SM OS2 G.657.B3.
2023 Belden, Inc
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com