Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GOVNF04 Datasheet (PDF) - Belden Inc.

GOVNF04 Datasheet PDF - Belden Inc.
Part # GOVNF04
Download  GOVNF04 Download
File Size   147.67 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Outdoor OFC CLT (jelly filled): GLASS YARNS(4500N) PE with 1 Tube of Ø3.3mm 4f SM OS2 G.657.A2.

GOVNF04 Datasheet (PDF)

Go To PDF Page Download Datasheet
GOVNF04 Datasheet PDF - Belden Inc.

Part # GOVNF04
Download  GOVNF04 Click to download

File Size   147.67 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Outdoor OFC CLT (jelly filled): GLASS YARNS(4500N) PE with 1 Tube of Ø3.3mm 4f SM OS2 G.657.A2.

GOVNF04 Datasheet (HTML) - Belden Inc.


GOVNF04 Product details

Product Description
Outdoor optical fiber Central Loose Tube (jelly filled tube) cable with glass yarns (improved rodent protection and high tensile strength) as strength member
and polyethylene outer jacket. Product feature: This cable has improved rodent protection by glass yarns. Existing out of 1 Tube with a diameter of 3.3mm with
4 fibers SM OS2 G.657.A2.




Similar Part No. - GOVNF04

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GOVNF02 BELDEN-GOVNF02 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(4500N) PE with 1 Tube of Ø3.3mm 2f SM OS2 G.657.A2.
2023 Belden, Inc
GOVNF06 BELDEN-GOVNF06 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(4500N) PE with 1 Tube of Ø3.3mm 6f SM OS2 G.657.A2.
2023 Belden, Inc
GOVNF08 BELDEN-GOVNF08 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(4500N) PE with 1 Tube of Ø3.3mm 8f SM OS2 G.657.A2.
2023 Belden, Inc
More results


Similar Description - GOVNF04

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GODNF04 BELDEN-GODNF04 Datasheet
153Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE CST PE with 1 Tube of Ø3.3mm 4f SM OS2 G.657.A2.
2023 Belden, Inc
GOHNF04 BELDEN-GOHNF04 Datasheet
157Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE SWB PE with 1 Tube of Ø3.3mm 4f SM OS2 G.657.A2.
2023 Belden, Inc
GOSNF04 BELDEN-GOSNF04 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(1500N) PE with 1 Tube of Ø3.3mm 4f SM OS2 G.657.A2.
2023 Belden, Inc
GOVNF02 BELDEN-GOVNF02 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(4500N) PE with 1 Tube of Ø3.3mm 2f SM OS2 G.657.A2.
2023 Belden, Inc
GOVNF06 BELDEN-GOVNF06 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(4500N) PE with 1 Tube of Ø3.3mm 6f SM OS2 G.657.A2.
2023 Belden, Inc
GOVNF08 BELDEN-GOVNF08 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(4500N) PE with 1 Tube of Ø3.3mm 8f SM OS2 G.657.A2.
2023 Belden, Inc
GOVNF12 BELDEN-GOVNF12 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(4500N) PE with 1 Tube of Ø3.3mm 12f SM OS2 G.657.A2.
2023 Belden, Inc
GOVNF16 BELDEN-GOVNF16 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(4500N) PE with 1 Tube of Ø3.3mm 16f SM OS2 G.657.A2.
2023 Belden, Inc
GOVNF24 BELDEN-GOVNF24 Datasheet
148Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(4500N) PE with 1 Tube of Ø3.3mm 24f SM OS2 G.657.A2.
2023 Belden, Inc
GOVNI04 BELDEN-GOVNI04 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(4500N) PE with 1 Tube of Ø3.3mm 4f SM OS2 G.657.B3.
2023 Belden, Inc
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com