Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9879BS Datasheet (PDF) - Analog Devices

AD9879BS Datasheet PDF - Analog Devices
Part # AD9879BS
Download  AD9879BS Download
File Size   364.92 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Mixed-Signal Front End Set-Top Box, Cable Modem

AD9879BS Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9879BS Datasheet PDF - Analog Devices

Part # AD9879BS
Download  AD9879BS Click to download

File Size   364.92 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Mixed-Signal Front End Set-Top Box, Cable Modem

AD9879BS Datasheet (HTML) - Analog Devices


AD9879BS Product details

GENERAL DESCRIPTION

The AD9879 is a single-supply set-top box and cable modem mixed-signal front end. The device contains a transmit path interpolation filter, complete quadrature digital upconverter, and transmit DAC. The receive path contains a 12-bit ADC, a 10-bit ADC, and dual 7-bit ADCs. All internally required clocks and an output system clock are generated by the phase-locked loop (PLL) from a single crystal or clock input.

The transmit path interpolation filter provides an upsampling factor of 16× with an output signal bandwidth as high as 8.3 MHz. Carrier frequencies up to 65 MHz with 26 bits of frequency tuning resolution can be generated by the direct digital synthesizer (DDS). The transmit DAC resolution is 12 bits and can run at sampling rates as high as 232 MSPS. Analog output scaling from 0.0 dB to 7.5 dB in 0.5 dB steps is available to preserve SNR when reduced output levels are required.



FEATURES

Low cost 3.3 V MxFE™ for DOCSIS-, EURO-DOCSIS-, DVB-, DAVIC-compliant set-top box and cable modem applications

232 MHz quadrature digital upconverter

   12-bit direct IF DAC (TxDAC+™)

   Up to 65 MHz carrier frequency DDS

   Programmable sampling clock rates

   16× upsampling interpolation LPF

   Single-tone frequency synthesis

   Analog Tx output level adjust

   Direct cable amp interface

12-bit, 33 MSPS direct IF ADC with optional video clamping input

10-bit, 33 MSPS direct IF ADC

Dual 7-bit, 16.5 MSPS sampling I/Q ADC

12-bit Σ-∆ auxiliary DAC



APPLICATIONS

  Cable modem and satellite systems

  Set-top boxes

  Power line modem

  PC multimedia

  Digital communications

  Data and video modems

  QAM, OFDM, FSK modulation



 




Similar Part No. - AD9879BS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9879BS AD-AD9879BS Datasheet
780Kb / 32P
Mixed-Signal Front End Set-Top Box, Cable Modem
REV. A
AD9879BSZ AD-AD9879BSZ Datasheet
780Kb / 32P
Mixed-Signal Front End Set-Top Box, Cable Modem
REV. A
More results


Similar Description - AD9879BS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9873 AD-AD9873 Datasheet
935Kb / 39P
Analog Front End Converter for Set-Top Box, Cable Modem
14-Jul-2000
AD9877 AD-AD9877 Datasheet
1Mb / 36P
Mixed-Signal Front End Set-Top Box, Cable Modem
5/05-Rev. A to Rev. B
AD9865 AD-AD9865 Datasheet
1Mb / 48P
Broadband Modem Mixed-Signal Front End
11/04-Data Sheet Changed from Rev. 0 to Rev. A
AD9879 AD-AD9879_05 Datasheet
780Kb / 32P
Mixed-Signal Front End Set-Top Box, Cable Modem
REV. A
AD9865 AD-AD9865_15 Datasheet
1Mb / 48P
Broadband Modem Mixed-Signal Front End
REV. A
AD9866 AD-AD9866_15 Datasheet
1Mb / 48P
Broadband Modem Mixed-Signal Front End
REV. B
AD9873 AD-AD9873_15 Datasheet
932Kb / 39P
Analog Front End Converter for Set-Top Box, Cable Modem
REV. 0
AD9875 AD-AD9875_15 Datasheet
2Mb / 28P
Broadband Modem Mixed-Signal Front End
REV. A
AD9877 AD-AD9877_15 Datasheet
1Mb / 36P
Mixed-Signal Front End Set-Top Box, Cable Modem
REV. B
AD9879 AD-AD9879_15 Datasheet
779Kb / 32P
Mixed-Signal Front End Set-Top Box, Cable Modem
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com